Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD64550EFV Datasheet(PDF) 1 Page - Rohm

Part # BD64550EFV
Description  System Driver for Ink Jet Printers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD64550EFV Datasheet(HTML) 1 Page - Rohm

  BD64550EFV_1 Datasheet HTML 1Page - Rohm BD64550EFV_1 Datasheet HTML 2Page - Rohm BD64550EFV_1 Datasheet HTML 3Page - Rohm BD64550EFV_1 Datasheet HTML 4Page - Rohm BD64550EFV_1 Datasheet HTML 5Page - Rohm BD64550EFV_1 Datasheet HTML 6Page - Rohm BD64550EFV_1 Datasheet HTML 7Page - Rohm BD64550EFV_1 Datasheet HTML 8Page - Rohm BD64550EFV_1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Motor Drivers for Printers
System Driver
for Ink Jet Printers
BD64550EFV
Description
This is 1-chip system motor driver integrating 2-channel H-bridge driver, step-down switching regulator with built-in power
DMOS, series regulator and reset output.
Features
1) Low-on resistance output H-bridge driver (2-channel)
2) Constant-current chopping drive H-bridge driver
3) Switching regulator with built-in P-channel power DMOS FET
4) Soft start function: 23.6 ms (Typ.)
5) Reset release timer: 80 ms (Typ.)
6) 16 bit serial interface
7) Logic input interface (serial/parallel changeable)
8) Ultra thin type high heat dissipation HTSSOP-B40 package
9) Overcurrent protection in H-bridge driver block
10) Input voltage low voltage protection in H-bridge driver block
11) Overcurrent protection in switching regulator block
12) Output overvoltage protection in switching regulator block
13) Output low voltage protection in switching regulator block
14) Thermal shutdown
Applications
Inkjet printer, photo printer, etc.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
VM applied voltage
VM
40
V
Logic input voltage
VL
-0.4 ~ 5.5
V
RIN applied voltage
VRIN
5.5
V
RNF voltage
VRNF
0.5
V
Power dissipation
Pd
1600*
mW
Operating temperature range
T
OPR
-25 ~ +85
Storage temperature range
T
STG
-55 ~ +150
Junction temperature
Tjmax
150
Motor driver output current (peak 500 ns)
Iomax (peak)
8.0
A
Motor driver output current (DC)
Iomax (DC)
2.5**
A
Switching regulator output current (DC)
Iomax
0.5
A
Series regulator output current (DC)
Iomax
0.25
A
* Reduced by 12.8 mW/℃ over 25 ℃, when mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
** Must not exceed Pd or ASO.
Operating Conditions
Parameter
Symbol
Limit
Unit
VM operating power supply voltage range
VM
7 ~ 36
V
SCLK max. operating frequency
FSCLK
20
MHz
Switching regulator output voltage range
Vswreg
3 ~ 5
V
No.10016EAT03


Similar Part No. - BD64550EFV_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64550EFV ROHM-BD64550EFV Datasheet
125Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD64550EFV_1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
   28 CHANNEL INK JET DRIVER
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
   28 CHANNEL INK JET DRIVER
May 1995
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
   OPTIMUM LASER/INK JET
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
   DUAL 13X16 MATRIX HEAD INK JET DRIVER
March 1999
logo
PANDUIT CORP.
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com