Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD64550EFV Datasheet(PDF) 7 Page - Rohm

Part # BD64550EFV
Description  System Driver for Ink Jet Printers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD64550EFV Datasheet(HTML) 7 Page - Rohm

Back Button BD64550EFV_1 Datasheet HTML 3Page - Rohm BD64550EFV_1 Datasheet HTML 4Page - Rohm BD64550EFV_1 Datasheet HTML 5Page - Rohm BD64550EFV_1 Datasheet HTML 6Page - Rohm BD64550EFV_1 Datasheet HTML 7Page - Rohm BD64550EFV_1 Datasheet HTML 8Page - Rohm BD64550EFV_1 Datasheet HTML 9Page - Rohm BD64550EFV_1 Datasheet HTML 10Page - Rohm BD64550EFV_1 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD64550EFV
Technical Note
7/16
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Serial Port Explanation
WORD_S
SWOFF
Set on/off of switching regulator circuit.
0
Switching regulator on
1
Switching regulator off
MASK SELECT
Common mask can be provided to 2-phase H-bridge drive noise mask (BLANK time).
0
Independent mask on single-phase/two-phase.
1
Common mask on single-phase/two-phase.
BLANK TIME
Current-limit comparator monitors RNF pin voltage to set limit to current, but during the period from switching on to BLANK
TIME, detection becomes invalid in order to avoid wrong detection caused by spike noise that happens at the time of
switching on. See P.8 for details.And during the period from ENABLE signal on to BLANK TIME at switching of PHASE
signal, detection becomes invalid as well.
[1]
[0]
BLANK TIME
Unit
0
0
2.0
µs
0
1
3.0
µs
1
0
4.0
µs
1
1
5.0
µs
OFF TIME
Set current decay time.
[2]
[1]
[0]
OFF TIME
Unit
0
0
0
6
µs
0
0
1
8
µs
0
1
0
10
µs
0
1
1
12
µs
1
0
0
14
µs
1
0
1
16
µs
1
1
0
18
µs
1
1
1
20
µs
WORD_D
S_ENABLE_1/S_ENABLE_2
Each bridge on/off signal. Output state is as follows.
Output state
0
Open
1
ACTIVE
S_PHASE_1/S_PHASE_2
Set the direction of current of each bridge. Output state is as follows.
P
M
0
SINK
SOURCE
1
SOURCE
SINK
PWM_MODE_1/PWM_MODE_2
Set current decay mode in bridge1 and 2. (See page 8 for details about each mode.)
0
FAST DECAY
1
SLOW DECAY
(※)Rohm_Reserve
Rohm_Reserve is special mode setting port for inspection at shipment. Especially, if Rohm Reserve [3], [4], [5], [7], [8], [9], [10], [11] is set to H by mistake,
malfunction may be caused. Be sure not to set.


Similar Part No. - BD64550EFV_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64550EFV ROHM-BD64550EFV Datasheet
125Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD64550EFV_1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
   28 CHANNEL INK JET DRIVER
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
   28 CHANNEL INK JET DRIVER
May 1995
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
   OPTIMUM LASER/INK JET
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
   DUAL 13X16 MATRIX HEAD INK JET DRIVER
March 1999
logo
PANDUIT CORP.
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com