Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD64550EFV Datasheet(PDF) 10 Page - Rohm

Part # BD64550EFV
Description  System Driver for Ink Jet Printers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD64550EFV Datasheet(HTML) 10 Page - Rohm

Back Button BD64550EFV Datasheet HTML 6Page - Rohm BD64550EFV Datasheet HTML 7Page - Rohm BD64550EFV Datasheet HTML 8Page - Rohm BD64550EFV Datasheet HTML 9Page - Rohm BD64550EFV Datasheet HTML 10Page - Rohm BD64550EFV Datasheet HTML 11Page - Rohm BD64550EFV Datasheet HTML 12Page - Rohm BD64550EFV Datasheet HTML 13Page - Rohm BD64550EFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BD64550EFV
Technical Note
10/16
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Soft start
As shown in Fig.24, VOUTDCDC output voltage becomes up and run step by step with soft start at the time of power-on.
Fig.24 Soft Starting Time Timing Chart
This soft start method is realized by changing comparator positive side voltage that determines output duty of switching
regulator to linear using DAC.
Soft start time T1 is constant value regardless of VM voltage.
Soft start time
T1=23.6msec(typ.)
Count finish time
T2=32.8msec(typ.)
Series regulator operation
Inputting switching regulator output into RIN pin (pin 16) enables to drive series regulator circuit.
At the time of power-on, output voltage start up step by step with soft starting at the same timing as switching regulator
circuit.^Soft start time is 23.6ms (Typ.).
Regarding external capacitor of ROUT pin (pin 14), it works normally without setting. But switching noise of switching
regulator becomes easy to get in due to dragging on board pattern and the like. Pay attention to switching noise.
Fig.25 Series Regulator Block Diagram
SS
Regulator
0.9V
RIN
Switching regulator
20kΩ
(typ.)
30kΩ
(typ.)
ROUT
DAC
COUNTER
Internal CLK
1.95kHz
CLK195
(Internal)
Counter output
DAC output
VOUTDCDC output voltage
Oscillation
1 2 3 4 5 ・・ ・・・・・49・・・ ・・63 64
1.21V
T1=23.6[msec]
T2=32.8[msec]
0.90V
0V
5.0Vor3.3V
0V
SWOUT
~Duty increase~
VMPORH
VM voltage
Constant ON Duty
ON Duty= VDCOUT/VM


Similar Part No. - BD64550EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64550EFV ROHM-BD64550EFV Datasheet
125Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD64550EFV

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
   Self-Laminating Labels for Laser AND Ink Jet Printers
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
   28 CHANNEL INK JET DRIVER
L6451 STMICROELECTRONICS-L6451 Datasheet
83Kb / 9P
   28 CHANNEL INK JET DRIVER
May 1995
logo
PANDUIT CORP.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
   OPTIMUM LASER/INK JET
logo
STMicroelectronics
L6452 STMICROELECTRONICS-L6452_06 Datasheet
259Kb / 22P
   Dual 13x16 Matrix Head Ink Jet Driver
L6452 STMICROELECTRONICS-L6452 Datasheet
115Kb / 16P
   DUAL 13X16 MATRIX HEAD INK JET DRIVER
March 1999
logo
PANDUIT CORP.
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
   OPTUMUM LASER INK-JET LABELS
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
   Laser/Ink Jet Self-Laminating Labels
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
   OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com