Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1715FVC Datasheet(PDF) 11 Page - Rohm

Part # BH1715FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1715FVC Datasheet(HTML) 11 Page - Rohm

Back Button BH1715FVC Datasheet HTML 7Page - Rohm BH1715FVC Datasheet HTML 8Page - Rohm BH1715FVC Datasheet HTML 9Page - Rohm BH1715FVC Datasheet HTML 10Page - Rohm BH1715FVC Datasheet HTML 11Page - Rohm BH1715FVC Datasheet HTML 12Page - Rohm BH1715FVC Datasheet HTML 13Page - Rohm BH1715FVC Datasheet HTML 14Page - Rohm BH1715FVC Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BH1715FVC
Technical Note
11/16
www.rohm.com
2010.06 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Adjust measurement result for influence of optical window. ( sensor sensitivity adjusting )
BH1715FVC is possible to change sensor sensitivity. And it is possible to cancel the optical window influence (difference with
/ without optical window) by using this function. Adjust is done by changing measurement time. For example, when
transmission rate of optical window is 50% ( measurement result becomes 0.5 times if optical window is set ), influence of
optical window is ignored by changing sensor sensitivity from default to 2 times
Sensor sensitivity is shift by changing the value of MTreg ( measurement time regisiter ). MTreg value has to set 2 times if
target of sensor sensitivity is 2 times. Measurement time is also set 2 times when MTreg value is changed from default to 2
times.
ex) Procedure for changing target sensor sensitivity to 2 times.
Please change Mtreg from ”0100_0101” ( default ) to ”1000_1010” ( default * 2 ).
1) Changing High bit of Mtreg
ST
Slave Address
R/W
0
Ack
01000_100
Ack
SP
2) Changing Low bit of Mtreg
ST
Slave Address
R/W
0
Ack
011_01010
Ack
SP
3) Input Measurement Command.
ST
Slave Address
R/W
0
Ack
0001_0000
Ack
SP
This example is High Resolution mode, but it accepts the other measurement.
4) After about 240ms, measurement result is registered to Data Register.
(High Resolution mode is typically 120ms, but measurement time is set twice.)
The below table is seeing the changable range of MTreg.
Min.
Typ.
Max.
changable
range of MTreg
binary
0001_1111
( sensitivity : default * 0.45 )
0100_0101
default
1111_1110
( sensitivity : default * 3.68 )
decimal
31
( sensitivity : default * 0.45 )
69
default
254
( sensitivity : default * 3.68 )
It is possilbe to detect 0.23lx by using this function at H-resolution mode.
The below formula is to calculate illuminance per 1 count.
Illuminance per 1 count ( lx / count ) = 1 / 1.2 *( 69 / X )
1.2 : Measurement accuracy
69 : Default value of MTreg ( dec )
X : MTreg value
The below table is seeing the detail of resolution.
MTreg value
lx / count
0001_1111
1.85
0100_0101
0.83
1111_1110
0.23


Similar Part No. - BH1715FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1715FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com