Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3541F Datasheet(PDF) 5 Page - Rohm

Part # BH3541F
Description  Standard Headphone Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3541F Datasheet(HTML) 5 Page - Rohm

  BH3541F_10 Datasheet HTML 1Page - Rohm BH3541F_10 Datasheet HTML 2Page - Rohm BH3541F_10 Datasheet HTML 3Page - Rohm BH3541F_10 Datasheet HTML 4Page - Rohm BH3541F_10 Datasheet HTML 5Page - Rohm BH3541F_10 Datasheet HTML 6Page - Rohm BH3541F_10 Datasheet HTML 7Page - Rohm BH3541F_10 Datasheet HTML 8Page - Rohm BH3541F_10 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
5/8
BH3541F,BH3544F,BH3547F,BH3548F
●Terminal Equivalent Circuit / Description
Pin
No.
Pin
Name
I /O
Pin voltage
Equivalent circuit
Function
BH3544F,BH3547F,BH3548F
BH3547F
1
7
OUT1
OUT2
O
2.1V
(VCC=5V)
Output pin
2
MUTE
I
0.1V
(When open)
Mute control pin
Mute on:Hi
Mute off:Lo (open)
3
5
IN1
IN2
I
2.1V
(VCC=5V)
Input pin
6
BIAS
I/O
2.1V
(VCC=5V)
Bias pin
(Since the 47 µF
externally attached
capacitor also serves
as the time constant for
pop noise
countermeasures,
evaluate adequately
when changing it.)
4
GND
I
-
-
-
GND pin
8
VCC
I
-
-
-
Power supply pin
The figure in the pin explanation and input/output equivalent circuit is reference value, it doesn’t guarantee the value.
200k
2
VCC
190k
2
VCC
BIAS
6
60k
60k
VCC
VCC
BIAS
6
70k
64k
VCC
VCC
10k
1
7
1
7
10k
1
7
1
7
3
5
90k
BIAS
VCC
3
5
180k
VCC
BIAS


Similar Part No. - BH3541F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
More results

Similar Description - BH3541F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3544F ROHM-BH3544F_12 Datasheet
685Kb / 12P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com