Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1750FVI-TR Datasheet(PDF) 2 Page - Rohm

Part # BH1750FVI-TR
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1750FVI-TR Datasheet(HTML) 2 Page - Rohm

  BH1750FVI-TR Datasheet HTML 1Page - Rohm BH1750FVI-TR Datasheet HTML 2Page - Rohm BH1750FVI-TR Datasheet HTML 3Page - Rohm BH1750FVI-TR Datasheet HTML 4Page - Rohm BH1750FVI-TR Datasheet HTML 5Page - Rohm BH1750FVI-TR Datasheet HTML 6Page - Rohm BH1750FVI-TR Datasheet HTML 7Page - Rohm BH1750FVI-TR Datasheet HTML 8Page - Rohm BH1750FVI-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BH1750FVI
Technical Note
2/17
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics ( VCC = 3.0V, DVI = 3.0V, Ta = 25℃, unless otherwise noted )
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Current
Icc1
120
190
µA
Ev = 100 lx
1
Powerdown Current
Icc2
0.01
1.0
µA
No input Light
Peak Wave Length
λp
560
nm
Measurement Accuracy
S/A
0.96
1.2
1.44
times
Sensor out / Actual lx
EV = 1000 lx
1, 2
Dark ( 0 lx ) Sensor out
S0
0
0
3
count
H-Resolution Mode
3
H-Resolution Mode Resolution
rHR
1
lx
L-Resolution Mode Resolution
rLR
4
lx
H-Resolution Mode Measurement
Time
tHR
120
180
ms
L-Resolution Mode Measurement
Time
tLR
16
24
ms
Incandescent / Fluorescent Sensor
out ratio
rIF
1
times
EV = 1000 lx
ADDR Input ‘H’ Voltage
VAH
0.7 * VCC
V
ADDR Input ‘L’ Voltage
VAL
0.3 * VCC
V
DVI Input ‘L’ Voltage
VDVL
0.4
V
SCL, SDA Input ‘H’ Voltage 1
VIH1
0.7 * DVI
V
DVI ≧ 1.8V
SCL, SDA Input ‘H’ Voltage 2
VIH2
1.26
V
1.65V ≦ DVI <1.8V
SCL, SDA Input ‘L’ Voltage 1
VIL1
0.3 * DVI
V
DVI ≧ 1.8V
SCL, SDA Input ‘L’ Voltage 2
VIL2
DVI – 1.26
V
1.65V ≦ DVI < 1.8V
SCL, SDA, ADDR Input ‘H’ Current
IIH
10
µA
SCL, SDA, ADDR Input ‘L’ Current
IIL
10
µA
I
2C SCL Clock Frequency
fSCL
400
kHz
I
2C Bus Free Time
tBUF
1.3
µs
I
2C Hold Time ( repeated ) START
Condition
tHDSTA
0.6
µs
I
2C Set up time for a Repeated
START Condition
tSUSTA
0.6
µs
I
2C Set up time for a Repeated STOP
Condition
tSUSTD
0.6
µs
I
2C Data Hold Time
tHDDAT
0
0.9
µs
I
2C Data Setup Time
tSUDAT
100
ns
I
2C ‘L’ Period of the SCL Clock
tLOW
1.3
µs
I
2C ‘H’ Period of the SCL Clock
tHIGH
0.6
µs
I
2C SDA Output ‘L’ Voltage
VOL
0
0.4
V
IOL = 3 mA
1 White LED is used as optical source.
2 Measurement Accuracy typical value is possible to change '1' by "Measurement result adjustment function".
3 Use H-resolution mode or H-resolution mode2 if dark data ( less than 10 lx ) is need.


Similar Part No. - BH1750FVI-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1750FVI-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com