Electronic Components Datasheet Search |
|
XC6224A3017R-G Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC6224A3017R-G Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 26 page 5/26 XC6224 Series NOTE: *1: Unless otherwise specified, input voltage conditions are; 0.80V≦VOUT(T)≦2.60V : {VIN=VOUT(T)+1.0V} 2.65V≦VOUT(T)≦2.80V : {VIN=3.3V} 2.85V≦VOUT(T)≦3.00V : {VIN=3.5V} *2: VOUT(T): Nominal output voltage *3: VOUT(E): Effective output voltage This output voltages are measured at the constant current when the input voltages are stable as Note 1. *4: Vdif={VIN1 {*5}-VOUT1{*6}} *5: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input *7: VOUT(T) ±20mV is the specification value of output voltage where VOUT(T) ≦1.20V. PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CURCUITS VOUT(T)≧1.25V VCE=VIN, IOUT=10mA VOUT(T)×0.985 (*2) VOUT(T) (*2) VOUT(T)×1.015 (*2) Output Voltage VOUT(E) (*3) VOUT(T)≦1.2V, VIN=2.5V VCE=VIN, IOUT=10mA -20mV (*7) VOUT(T) (*2) +20mV (*7) V ① Maximum Output Current IOUTMAX VCE=VIN (*1) 150 - - mA ① Load Regulation ΔVOUT VCE=VIN (*1) 0.1mA≦IOUT≦150mA - 5 20 mV ① Dropout Voltage (*4) Vdif IOUT=150mA, VCE=VIN VIN=VOUT(E)×0.98 (*3) E-1 mV ① Supply Current IDD VCE=VIN (*1) IOUT=0mA - 33 77 μ A ② Stand-by Current ISTBY VCE=VSS - 0.01 0.4 μ A ② VOUT(T)≧1.10V VOUT(T)+0.5V≦VIN≦3.6V VCE=VIN、IOUT=10mA (*2) Line Regulation ΔVOUT/ ( ΔVIN・VOUT) VOUT(T)≦1.05V 1.6V≦VIN≦3.6V VCE=VIN、IOUT=10mA (*2) - 0.04 0.37 %/V ① Input Voltage VIN 1.2 - 3.6 V ① Output Voltage Temperature Characteristics ΔVOUT/ ( ΔTa・VOUT) VCE=VIN, IOUT=30mA (*1) -40℃≦Ta≦85℃ - ± 100 - ppm/ ℃ ① Ripple Rejection Rate PSRR VCE=VIN ・ When 0.80V≦VOUT(T)≦2.60V VIN=3.0V+0.5Vp-pAC ・ 2.65V≦VOUT(T)≦3.00V VIN=3.3V+0.25Vp-pAC IOUT=30mA、f=1kHz (*2) - 70 - dB ③ Current Limit ILIM VCE=VIN 150 250 - mA ① Short Current ISHORT VCE=VIN, VOUT is connected to VSS - 35 - mA ① CE High Level Voltage VCEH 1.0 - 3.6 V ④ CE Low Level Voltage VCEL - - 0.3 V ④ CE High Level Current ICEH VCE=VIN B Type - 5.5 13.0 μ A ④ CE High Level Current ICEL VCE=VSS -0.1 0 0.1 μ A ④ CL Discharge Resistance RDCHG VIN=3.6V, VCE=VSS - 450 - Ω ① ■ELECTRICAL CHARACTERISTICS (Continued) ● XC6224Bxxxxx Ta=25℃ |
Similar Part No. - XC6224A3017R-G |
|
Similar Description - XC6224A3017R-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |