Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6408DD02MR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6408DD02MR-G
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408DD02MR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6408DD02MR-G Datasheet HTML 5Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 6Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 7Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 8Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 9Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 10Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 11Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 12Page - Torex Semiconductor XC6408DD02MR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9/34
XC6408
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart
(*1)VROUT: Accuracy ±2%, VDF: Accuracy ±2.5%
SYMBOL
E-1
E-2
E-3
E-4
E-5
E-6
PARAMETER
NOMINAL
VDF
DETECT VOLTAGE
VROUT
OUTPUT VOLTAGE
OUTPUT VOLTAGE
(V)
DETECT VOLTAGE
(V)
HYSTERESIS WIDTH
(V)
DROPOUT
VOLTAGE1
IROUT=20mA
(mV)
DROPOUT
VOLTAGE2
IROUT=100mA
(mV)
SENSE
INPUT CURRENT
(μA)
VROUT(E)
VDF(E)
VHYS
Vdif1
Vdif2
Isense
VROUT(T)
VDF(T)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP
MAX
TYP
MAX
MIN
MAX
2.0
1.960
2.040
1.950
2.050
2.1
2.058
2.142
2.048
2.153
500
680
2300
3300
2.2
2.156
2.244
2.145
2.255
2.3
2.254
2.346
2.243
2.358
2.4
2.352
2.448
2.340
2.460
430
600
1950
2950
2.5
2.450
2.550
2.438
2.563
2.6
2.548
2.652
2.535
2.665
2.7
2.646
2.754
2.633
2.768
2.8
2.744
2.856
2.730
2.870
2.9
2.842
2.958
2.828
2.973
360
530
1550
2550
3.0
2.940
3.060
2.925
3.075
3.1
3.038
3.162
3.023
3.178
3.2
3.136
3.264
3.120
3.280
3.3
3.234
3.366
3.218
3.383
3.4
3.332
3.468
3.315
3.485
3.5
3.430
3.570
3.413
3.588
3.6
3.528
3.672
3.510
3.690
3.7
3.626
3.774
3.608
3.793
3.8
3.724
3.876
3.705
3.895
3.9
3.822
3.978
3.803
3.998
250
380
1100
1800
4.0
3.920
4.080
3.900
4.100
4.1
4.018
4.182
3.998
4.203
4.2
4.116
4.284
4.095
4.305
4.3
4.214
4.386
4.193
4.408
4.4
4.312
4.488
4.290
4.510
4.5
4.410
4.590
4.388
4.613
4.6
4.508
4.692
4.485
4.715
4.7
4.606
4.794
4.583
4.818
4.8
4.704
4.896
4.680
4.920
4.9
4.802
4.998
4.778
5.023
230
350
850
1650
0.1
2.2
5.0
4.900
5.100
4.875
5.125
5.1
4.998
5.202
4.973
5.228
5.2
5.096
5.304
5.070
5.330
5.3
5.194
5.406
5.168
5.433
5.4
5.292
5.508
5.265
5.535
5.5
5.390
5.610
5.363
5.638
5.6
5.488
5.712
5.460
5.740
5.7
5.586
5.814
5.558
5.843
5.8
5.684
5.916
5.655
5.945
5.9
5.782
6.018
5.753
6.048
VDF(E)×2%
VDF(E)×8%
180
300
750
1350
0.1
4.1


Similar Part No. - XC6408DD02MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6408DD02MR-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3951F ROHM-BD3951F_09 Datasheet
378Kb / 10P
   Regulator with Voltage Detector IC
logo
Torex Semiconductor
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com