Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM524BA01DR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCM524BA01DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BA01DR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCM524BA01DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 9Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 10Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 11Page - Torex Semiconductor XCM524BA01DR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8/52
XCM524 Series
■ELECTRICAL CHARACTERISTICS (Continued)
XCM524xB 2ch (DC/DC BLOCK)
VDCOUT=1.8V, fOSC=3.0MHz, Ta=25℃
Test conditions: Unless otherwise stated, VIN2=5.0V VDCOUT(T)= Setting voltage
NOTE:
*1: Including hysteresis width of operating voltage.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN2 - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: Time until it short-circuits DCOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse generating.
*7: VDCOUT(T)+1.2V<2.7V, VIN2=2.7V.
*8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*9: Current limit denotes the level of detection at peak of coil current.
*10: "H"=VIN2∼VIN2 - 1.2V, "L"=+ 0.1V ∼ - 0.1V
*11: XCM524A series exclude IPFM and DTYLIMIT_PFM because those are only for the PFM control’s functions.
* The electrical characteristics above are when the other channel is in stop.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VDCOUT
When connected to external components,
VIN2=VEN2=5.0V,IOUT2=30mA
1.764
1.800
1.836
V
Operating Voltage Range
VIN2
2.7
-
6.0
V
Maximum Output Current
IOUT2MAX
When connected to external components,
VIN2= VDCOUT(T)+2.0V,VEN1=1.0V
(*8)
600
-
-
mA
UVLO Voltage
VUVLO
VEN2=VIN2
VDCOUT=0V,
Voltage which Lx pin holding “L” level
(*1, *10)
1.00
1.40
1.78
V
(XCM524AB)
-
46
65
Supply Current
IDD
VIN2=VEN2=5.0V,VDCOUT=VDCOUT(T)×1.1V
(XCM524BB)
-
21
35
μA
Stand-by Current
ISTB
VIN2=5.0V,VEN2=0V,VDCOUT=VDCOUT(T)×1.1V
-
0
1.0
μA
Oscillation Frequency
fOSC
When connected to external components,
VIN2=VDCOUT(T)+2.0V,VEN2=1.0V, IOUT2=100mA
2550
3000
3450
kHz
PFM Switching Current
IPFM
When connected to external components,
VIN2=VDCOUT(T)+2.0V,VEN2=VIN2, IOUT2=1mA
(*11)
170
220
270
mA
PFM Duty Limit
DTYLIMIT_PFM
VEN2=VIN2=(C-1) IOUT2=1mA
(*11)
200
300
%
Maximum Duty Cycle
DMAX
VIN2=VEN2=5.0V,VDCOUT=VDCOUT(T)×0.9V
100
-
-
%
Minimum Duty Cycle
DMIN
VIN2=VEN2=5.0V,VDCOUT=VDCOUT(T)×1.1V
-
-
0
%
Efficiency
(*2)
EFFI
When connected to external components,
VEN2=VIN2=VDCOUT(T)+1.2V
(*7), IOUT2=100mA
-
86
-
%
Lx SW "H" ON Resistance 1
RLXH1
VIN2=VEN2=5.0V,VDCOUT=0V,ILX=100mA
(*3)
-
0.35
0.55
Lx SW "H" ON Resistance 2
RLXH2
VIN2=VEN2=3.6V,VDCOUT=0V,ILX=100mA
(*3)
-
0.42
0.67
Lx SW "L" ON Resistance 1
RLXL1
VIN2=VEN1=5.0V
(*4)
-
0.45
0.66
Lx SW "L" ON Resistance 2
RLXL2
VIN2=VEN1=3.6V
(*4)
-
0.52
0.77
Lx SW "H" Leak Current
(*5)
ILEAKH
VIN2=VDCOUT=5.0V,VEN2=0V,LX=0V
-
0.01
1.0
μA
Lx SW "L" Leak Current
(*5)
ILEAKL
VIN2=VDCOUT=5.0V,VEN2=0V,LX=5.0V
-
0.01
1.0
μA
Current Limit
(*9)
ILIM
VIN2=VEN2=5.0V,VDCOUT=VDCOUT(T)×0.9V
900
1050
1350
mA
Output Voltage
Temperature Characteristics
△VDCOUT/
(VDCOUT・△topr)
IOUT2=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm/℃
EN "H" Voltage
VENH
VDCOUT=0V, Applied voltage to VEN2,
Voltage changes Lx to “H” level
(*10)
0.65
-
6.0
V
EN "L" Voltage
VENL
VDCOUT=0V, Applied voltage to VEN2,
Voltage changes Lx to “L” level
(*10)
VSS
-
0.25
V
EN "H" Current
IENH
VIN2=VEN2=5.0V, VDCOUT=0V
- 0.1
-
0.1
μA
EN "L" Current
IENL
VIN2=5.0V, VEN2=0V, VDCOUT=0V
- 0.1
-
0.1
μA
Soft Start Time
tSS
When connected to external components,
VEN2=0V→VIN2,IOUT2=1mA
0.5
0.9
2.5
ms
Latch Time
tLAT
VIN2=VEN2=5.0V,VDCOUT=0.8×VDCOUT(T)
Short Lx at 1Ω resistance
(*6)
1.0
-
20.0
ms
Short Protection
Threshold Voltage
VSHORT
Sweeping VDCOUT, VIN2=VEN2=5.0V, Short Lx at
1Ω resistance, DCOUT voltage which Lx becomes
“ Lx=L ” within 1ms
0.675
0.900
1.125
V


Similar Part No. - XCM524BA01DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BA01DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com