Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6224B30B7R-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6224B30B7R-G
Description  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224B30B7R-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6224B30B7R-G Datasheet HTML 1Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 2Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 3Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 4Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 5Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 6Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 7Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 8Page - Torex Semiconductor XC6224B30B7R-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
XC6224 Series
NOTE:
*1: Unless otherwise specified, input voltage conditions are;
0.80V≦VOUT(T)≦2.60V : {VIN=VOUT(T)+1.0V}
2.65V≦VOUT(T)≦2.80V : {VIN=3.3V}
2.85V≦VOUT(T)≦3.00V : {VIN=3.5V}
*2: VOUT(T): Nominal output voltage
*3: VOUT(E): Effective output voltage
This output voltages are measured at the constant current when the input voltages are stable as Note 1.
*4: Vdif={VIN1
{*5}-VOUT1{*6}}
*5: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input
*7: VOUT(T) ±20mV is the specification value of output voltage where VOUT(T) ≦1.20V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CURCUITS
VOUT(T)≧1.25V
VCE=VIN, IOUT=10mA
VOUT(T)×0.985
(*2)
VOUT(T)
(*2)
VOUT(T)×1.015
(*2)
Output Voltage
VOUT(E)
(*3)
VOUT(T)≦1.2V
VCE=VIN, IOUT=10mA
-20mV
(*7)
VOUT(T)
(*2)
+20mV
(*7)
V
Maximum Output
Current
IOUTMAX
VCE=VIN
150
-
-
mA
Load Regulation
ΔVOUT
VCE=VIN
0.1mA≦IOUT≦150mA
-
5
20
mV
Dropout Voltage
(*4)
Vdif
IOUT=150mA
VCE=VIN, VIN=VOUT(E)×0.98
(*3)
E-1
mV
Supply Current
IDD
VCE=VIN, IOUT=0mA
-
33
77
μ
A
Stand-by Current
ISTBY
VCE=VSS
0.01
0.4
μ
A
VOUT(T)≧1.10V
VOUT(T)+0.5V≦VIN≦3.6V
VCE=VIN, IOUT=10mA
(*2)
Line Regulation
ΔVOUT/
ΔVIN・VOUT
VOUT(T)≦1.05V
1.6V≦VIN≦3.6V
VCE=VIN, IOUT=10mA
(*2)
-
0.04
0.37
%/V
Input Voltage
VIN
1.2
-
3.6
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
ΔTa・VOUT
VCE=VIN, IOUT=30mA
(*1)
-40℃≦Ta≦85℃
-
±
100
-
ppm/℃
Ripple Rejection Rate
PSRR
VCE=VIN
When 0.80V≦VOUT(T)≦2.60V,
VIN=3.0V+0.5Vp-pAC
2.65V≦VOUT(T)≦3.00V
VIN=3.3V+0.25Vp-pAC
IOUT=30mA, f=1kHz
(*2)
-
70
-
dB
Current Limit
ILIM
VCE=VIN
150
250
-
mA
Short Current
ISHORT
VCE=VIN, VOUT is connected to VSS
-
35
-
mA
CE High Level Voltage
VCEH
1.0
-
3.6
V
CE Low Level Voltage
VCEL
-
-
0.3
V
CE High Level
Current
ICEH
VCE=VIN
A Type
-0.1
0
0.1
μ
A
CE High Level
Current
ICEL
VCE=VSS
-0.1
0
0.1
μ
A
CL Discharge
Resistance
RDCHG
VIN=3.6V, VCE=VSS
-
450
-
■ELECTRICAL CHARACTERISTICS
XC6224Axxxxx
Ta=25℃


Similar Part No. - XC6224B30B7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6224B30B7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com