Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6566GVW Datasheet(PDF) 3 Page - Rohm

Part # BU6566GVW
Description  Camera Image Processors Compatible with JPEG Image
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6566GVW Datasheet(HTML) 3 Page - Rohm

  BU6566GVW Datasheet HTML 1Page - Rohm BU6566GVW Datasheet HTML 2Page - Rohm BU6566GVW Datasheet HTML 3Page - Rohm BU6566GVW Datasheet HTML 4Page - Rohm BU6566GVW Datasheet HTML 5Page - Rohm BU6566GVW Datasheet HTML 6Page - Rohm BU6566GVW Datasheet HTML 7Page - Rohm BU6566GVW Datasheet HTML 8Page - Rohm BU6566GVW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BU6566GVW, BU6568GV
Technical Note
3/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings (Ta=25℃)
●Recommended operating range
In the case exceeding 25ºC, 4.1mW should be reduced at the rating 1ºC.
●Electric characteristics
(Unless otherwise specified, Ta=25℃,VDD=1.50V,VDDIO=2.85V, fin=30.0MHz,fSYS=30.0MHz/BU6566GVW
fin=13.0MHz ,fSYS=52.0MHz (using PLL)/BU6568GV)
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
Input frequency
fIN
-
-
30.0
/30.0
MHz
BU6566GVW
XIN
BU6568GV
XIN (Duty 50±5%), at PLL OFF
Internal
operating frequency
fSYS
-
-
30.0
/52.0
MHz
BU6566GVW
BU6568GV
Internal SCLK frequency
Operating
consumption current
IDD
-
6.4
/15
-
mA
BU6566GVW
At camera ON, LCD display ON
BU6568GV
At viewer operating
Static
consumption
current
IDDst
-
-
50
/100
μA
BU6566GVW
At suspend mode setting
BU6568GV
Input "H" current 1
IIH1
-10
-
10
μA
VIH=VDDIO
Input "H" current 2
IIH2
25
50
100
μA
Pull-Down terminal, VIH=VDDIO
Input "H" current 3
IIH3
-10
-
10
μA
Pull-Up terminal, VIH=VDDIO
Input "L" current 1
IIL1
-10
-
10
μA
VIL=GND
Input "L" current 2
IIL2
-10
-
10
μA
Pull-Down terminal, VIL=GND
Input "L" current 3
IIL3
-160
-80
-25
μA
Pull-Up terminal, VIL=GND
Input "H" voltage1
VIH1
VDDIO
×
0.8
-
VDDIO
+0.3
V
Normal input (including input mode of I/O
terminal)
Input "L" voltage 1
VIL1
-0.3
-
VDDIO
×
0.2
V
Normal input (including input mode of I/O
terminal)
Input "H" voltage 2
VIH2
VDDIO
×
0.85
-
VDDIO
+0.3
V
Hysteresis input
Input "L" voltage 2
VIL2
-0.3
-
VDDIO
×
0.15
V
Hysteresis input
Hysteresis
voltage
width
Vhys
-
0.9
/0.6
-
V
BU6566GVW
Hysteresis input
BU6568GV
Output "H" voltage 1
VOH1
VDDIO
-0.4
-
VDDIO
V
IOH1=-1.0mA(DC)
(Including output mode of I/O terminal)
Output "L" voltage 1
VOL1
0.0
-
0.4
V
IOL1=1.0mA(DC)
(Including output mode of I/O terminal)
Parameter
Symbol
Rating
Unit
Parameter
Symbol
Rating
Unit
Applied power
source voltage 1
VDDIO1
-0.3~+4.2
V
Applied power
source voltage 1
VDDIO1
1.70~3.15(Typ:1.80V)
V
Applied power
source voltage 2
VDDIO2
-0.3~+4.2
V
Applied power
source voltage 2
VDDIO2
2.70~3.15(Typ:2.85V)
V
Applied power
source voltage 3
VDD
-0.3~+2.1
V
Applied power
source voltage 3
VDD
1.45~1.55(Typ:1.50V)
V
Other terminals
-
-0.3~VDDIO+0.3
V
Input voltage range
VIN
0~VDDIO
V
Storage
temperature range
Tstg
-40~+150
Operating
temperature range
Topr
-30~+85
Power dissipation
PD
410
mW
Please supply power source in order of VDD→VDDIO1→VDDIO2.


Similar Part No. - BU6566GVW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6566GVW ROHM-BU6566GVW Datasheet
379Kb / 6P
   For Home Electornics and Security Devices IC
More results

Similar Description - BU6566GVW

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
National Instruments Co...
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com