Electronic Components Datasheet Search |
|
BU6568GV-E2 Datasheet(PDF) 5 Page - Rohm |
|
BU6568GV-E2 Datasheet(HTML) 5 Page - Rohm |
5 / 17 page BU6566GVW, BU6568GV Technical Note 5/16 www.rohm.com 2009.04 - Rev.B © 2009 ROHM Co., Ltd. All rights reserved. ●Terminal functions PIN No. Land No. PIN Name In /Out Active Level Init Function explanation Function division I/O type I/O type BU6566GV W BU6568G V 1 A1 N.C. - - - - - - - 2 B2 VDDIO1 - PWR - Digital I/O power source (system 1) - - - 3 B1 D15/HOST_MODE In/Out DATA IN *1 Switch parallel / Serial of HOST I/F (BU6566GVW HOST IF F*3 - D15/EXGIO7 In/Out DATA IN *1 Host data bus bit 15 - H 4 C2 D14/EXGIO6 In/Out DATA IN *1 Host data bus bit 14 HOST IF F H 5 C1 N.C. - - - - - - - 6 D3 D13/EXGIO5 In/Out DATA IN *1 Host data bus bit 13 HOST IF F H 7 D2 D12/EXGIO4 In/Out DATA IN *1 Host data bus bit 12 HOST IF F H 8 D1 D11/EXGIO3 In/Out DATA IN *1 Host data bus bit 11 HOST IF F H 9 E1 D10/EXGIO2 In/Out DATA IN *1 Host data bus bit 10 HOST IF F H 10 E2 D9/EXGIO1 In/Out DATA IN *1 Host data bus bit 9 HOST IF F H 11 E3 D8/EXGIO0 In/Out DATA IN *1 Host data bus bit 8 HOST IF F H 12 E4 GND - GND - Common ground - - - 13 F5 VDD - PWR - Digital core power source - - - 14 F4 D7 In/Out DATA IN *1 Host data bus bit 7 HOST IF E G 15 F3 D6 In/Out DATA IN *1 Host data bus bit 6 HOST IF E G 16 F2 D5 In/Out DATA IN *1 Host data bus bit 5 HOST IF E G 17 F1 D4 In/Out DATA IN *1 Host data bus bit 4 HOST IF E G 18 G1 D3 In/Out DATA IN *1 Host data bus bit 3 HOST IF E G 19 G2 D2 In/Out DATA IN *1 Host data bus bit 2 HOST IF E G 20 G3 D1/SIF_RD In/Out DATA IN *1 Host data bus bit 1 HOST IF E - Serial data from BU6566GVW to HOST D1 In/Out DATA IN *1 Host data bus bit 1 - G 21 H1 D0/SIF/WD In/Out DATA IN *1 Host data bus bit 0 HOST IF E - Serial data from HOST to BU6566GVW D0 In/Out DATA IN *1 Host data bus bit 0 - G 22 H2 N.C. - - - - - - - 23 J1 A2 In DATA -*2 Host data bus bit 2 HOST IF A A 24 G4 GND - GND - Common ground 25 H3 N.C. - - - - - - - 26 K1 N.C. - - - - - - - 27 J2 VDDIO1 - PWR - Digital I/O power source (system 1) - - - 28 K2 A1/SIF_CD In DATA - Host address bus bit 1 signal HOST IF A - Command / data identification in HOST serial I/F(BU6566GVW A1 In DATA - Host address bus bit 1 - A 29 J3 CSB/SIF_CS1 In Low Chip select signal HOST IF A - Chip select signal in HOST serial I/F(BU6566GVW only) CSB In Low Chip select signal - K 30 K3 WRB/SIF_SCK In Low Write enable signal HOST IF C - Serial clock in HOST serial I/F(BU6566GVW only) WRB In Low Write enable signal - K 31 H4 RDB In Low -*2 Read enable signal HOST IF C K 32 J4 N.C. - - - - - - - 33 K4 INT Out * Low Interruption signal HOST IF D D 34 K5 CAMVS In * - Camera vertical timing signal (pull down at CAMOFF) CAMERA B B 35 J5 CAMHS In * - Camera horizontal timing signal (pull down at CAMOFF) CAMERA B B 36 H5 CAMD0 In DATA - Camera data input bit0 (pull down at CAMOFF) CAMERA B B 37 G5 CAMD1 In DATA - Camera data input bit1 (pull down at CAMOFF) CAMERA B B 38 F6 CAMD2 In DATA - Camera data input bit2 (pull down at CAMOFF) CAMERA B B 39 G6 CAMD3 In DATA - Camera data input bit3 (pull down at CAMOFF) CAMERA B B 40 H6 GIO2 / KEY2 In/Out DATA Out/Lo w General purpose I/O2 / Key input2 (pull down for register control) SYSTEM H H 41 J6 CAMD4 In DATA - Camera data input bit4 (pull down at CAMOFF) CAMERA B B 42 K6 CAMD5 In DATA - Camera data input bit5 (pull down at CAMOFF) CAMERA B B 43 K7 CAMD6 In DATA - Camera data input bit6 (pull down at CAMOFF) CAMERA B B 44 J7 CAMD7 In DATA - Camera data input bit7 (pull down at CAMOFF) CAMERA B B 45 H7 VDDIO2 - PWR - Digital I/O power source (system 2) - - - 46 K8 CAMCKI In CLK - Camera clock input (pull down at CAMOFF) CAMERA B B 47 J8 N.C. - - - - - - - 48 K9 CAMCKO Out CLK Low Camera clock output CAMERA D D |
Similar Part No. - BU6568GV-E2 |
|
Similar Description - BU6568GV-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |