Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM524BD02DR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCM524BD02DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BD02DR-G Datasheet(HTML) 3 Page - Torex Semiconductor

  XCM524BD02DR-G Datasheet HTML 1Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BD02DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3/52
XCM524
Series
●Ordering Information
XCM524A①②③④⑤-⑥
(*1)
DC/DC Block: PWM fixed control
XCM524B①②③④⑤-⑥
(*1)
DC/DC Block: PWM/PFM automatic switching control
●DESIGNATOR①
DC/DC BLOCK
VDR BLOCK
OSCILLATION
FREQUENCY
CL
DISCHARGE
SOFT START
VD DELAY
FUNCTION
VD SENSE PIN
VD OUTPUT
LOGIC
A
1.2M
Not Available
Standard
Available
VIN
Active Low Detect
B
3.0M
Not Available
Standard
Available
VIN
Active Low Detect
C
1.2M
Available
High Speed
Available
VIN
Active Low Detect
D
3.0M
Available
High Speed
Available
VIN
Active Low Detect
●DESIGNATOR②③
②③
VDCOUT
VROUT
VDF
01
1.0
3.3
3.7
02
1.2
3.3
3.7
03
1.5
3.3
3.7
04
1.8
3.3
4.2
05
3.3
1.8
2.8
06
1.8
2.5
2.8
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Oscillation Frequency and Options
See the chart below
②③
Output Voltage
See the chart below
④⑤-⑥
Packages
Taping Type
(*2)
DR-G
USP-12B01
■PRODUCT CLASSIFICATION
(*1) The XCM524 series is Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
*This series are semi-custom products. For other combinations of output voltages please consult with your Torex sales contact.


Similar Part No. - XCM524BD02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BD02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com