Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7964GUW-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU7964GUW-E2
Description  Data rate 1350Mbps RGB Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7964GUW-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU7964GUW-E2 Datasheet HTML 7Page - Rohm BU7964GUW-E2 Datasheet HTML 8Page - Rohm BU7964GUW-E2 Datasheet HTML 9Page - Rohm BU7964GUW-E2 Datasheet HTML 10Page - Rohm BU7964GUW-E2 Datasheet HTML 11Page - Rohm BU7964GUW-E2 Datasheet HTML 12Page - Rohm BU7964GUW-E2 Datasheet HTML 13Page - Rohm BU7964GUW-E2 Datasheet HTML 14Page - Rohm BU7964GUW-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical Note
11/18
BU7964GUW
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
2) AC Characteristics
Parallel Data Output Timing
Fig.9. Parallel Data Output Timing
Table 12. Parallel Data Output AC Timing
Ta=25°C, DVDD=MSVDD=1.80V and DGND=MSGND=0.00V, unless otherwise noted.
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
PCLK Output Duty Cycle
tRX_DUTY
45
50
55
%
CL=10pF
Output Data Setup Time
tRX_DS
0.41X
tRx_PCLK
-
-
ns
CL=10pF
Output Data Hold Time
tRX_DH
0.41X
tRx_PCLK
-
-
ns
CL=10pF
Output Data Rise Time/Fall time
tRX_R
tRX_F
-
9
-
ns
F_XS=0, CL=10pF
-
3
-
ns
F_XS=1, CL=10pF
P [2 : 0]
PCL
t R _D
t R _D
0.5×DVDD
0.5×DVDD
0.7×DVDD
0.3×DVDD
t R _R,
t R _F
t R _DUTY
t R _PCLK


Similar Part No. - BU7964GUW-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7964GUW ROHM-BU7964GUW Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BU7964GUW-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7963GUW ROHM-BU7963GUW Datasheet
432Kb / 20P
   Data rate 1350Mbps RGB Interface
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com