Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCM524BA05DR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCM524BA05DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BA05DR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XCM524BA05DR-G Datasheet HTML 1Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BA05DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1/52
XCM524 Series
600mA Synchronous Step-Down DC/DC Converter + 500mA LDO
with Delay Function Voltage Detector
■GENERAL DESCRIPTION
The XCM524 series is a multi combination module IC which comprises of a 600mA driver transistor built-in synchronous
step–down DC/DC converter and a high speed, high current LDO regulator with voltage detector function. The device is
housed in small USP-12B01 package which is ideally suited for space conscious applications. The DC/DC converter and the
LDO blocks are isolated in the package so that noise interference from the DC/DC to the LDO regulator is minimal.
The DC/DC converter block with a built-in 0.42ΩP-channel MOS driver transistor and 0.52ΩN-channel MOS switching
transistor, designed to allow the use of ceramic capacitors. The DC/DC enables a high efficiency, stable power supply with an
output current of 600mA to be configured using only a coil and two capacitors connected externally.
The LDO regulator block is precise, low noise, high ripple rejection, low dropout positive voltage regulators with built-in voltage
detector. The LDO is also compatible with low ESR ceramic output capacitors. Good output stability is maintained during
load fluctuations due to its excellent transient response. The current limiter's fold back circuit also operates as a short circuit
protection for the output current.
The voltage detector block of the contains delay circuit. The delay time can be controlled by an external capacitor.
The detector monitors the input voltage of the voltage regulator.
■APPLICATIONS
BD, DVD drives
HDD drives
Cameras, Video recorders
Mobile phones, Smart phones
Various general-purpose power supplies
TYPICAL APPLICATION CIRCUIT
ETR2428-003
(TOP VIEW)
■FEATURES
<DC/DC Convertor Block>
Input Voltage Range
: 2.7V ~ 6.0V
Output Voltage Options
: 0.8V ~ 4.0V (±2%)
High Efficiency
: 92% (TYP.)
Output Current
: 600mA (MAX.)
Oscillation Frequency
: 1.2MHz, 3.0MHz (+15%)
Current Limiter Circuit Built-In : Constant Current & Latching
Control Methods
: PWM
PWM/PFM Auto
*Performance depends on external components and wiring on PCB wiring.
<Regulator Block>
Maximum Output Current
: 500mA (Limiter 600mA TYP.)
(2.5V≦VROUT≦4.9V)
Dropout Voltage
: 200mV@IROUT=100mA (TYP.)
Operating Voltage Range
: 2.0V ~ 6.0V
Output Voltage Options
: 0.9V ~ 5.1V (0.1V increments, ±2%)
Detect Voltage Options
: 2.0V ~ 5.5V (0.1V increments, ±2%)
VR.VD Temperature Stability :±100ppm/℃ (TYP.)
High Ripple Rejection
: 65dB (@10kHz)
Low ESR Capacitor
: Ceramic Capacitor
Operating Temperature Range
: -40℃ ~ +85℃
Package
: USP-12B01
Environmentally Friendly
: EU RoHS Compliant, Pb Free


Similar Part No. - XCM524BA05DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BA05DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com