Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16018KV Datasheet(PDF) 3 Page - Rohm

Part # BU16018KV
Description  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16018KV Datasheet(HTML) 3 Page - Rohm

  BU16018KV Datasheet HTML 1Page - Rohm BU16018KV Datasheet HTML 2Page - Rohm BU16018KV Datasheet HTML 3Page - Rohm BU16018KV Datasheet HTML 4Page - Rohm BU16018KV Datasheet HTML 5Page - Rohm BU16018KV Datasheet HTML 6Page - Rohm BU16018KV Datasheet HTML 7Page - Rohm BU16018KV Datasheet HTML 8Page - Rohm BU16018KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Technical Note
3/19
BU16006KV, BU16018KV, BU16024KV, BU16027KV
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical Specifications
Over recommended operating conditions (unless otherwise noted)
Symbol
Parameter
Test Condition
Limit
Unit
Min.
Typ.
(1)
Max.
Icc
Supply current
BU16006KV,
BU16018KV
BU16027KV
VID = 400mV, RVSADJ = 4.64kΩ
RT = 50Ω, AVcc = Vcc, Am/Bm =
2.25 Gbps HDMI data pattern,
A1,/B1 = 225 MHz clock See
Figure 2
-
120
150
mA
BU16024KV
-
140
170
mA
PD
Power
Consumption
BU16006KV,
BU16018KV
BU16027KV
VID = 400mV, RVSADJ = 4.64kΩ
RT = 50Ω, AVcc = Vcc, Am/Bm =
2.25 Gbps HDMI data pattern,
A1,/B1 = 225 MHz clock See
Figure 2
-
450
600
mW
BU16024KV
-
480
700
mW
TMDS Differential Pins (A/B;Y/Z)
VOH
Single-ended
high-level
output voltage
BU16006KV,
BU16027KV
AVcc = Vcc, RT = 50Ω
AVcc-
200
-
Avcc-
50
mV
BU16018KV,
BU16024KV
AVcc = Vcc, PRE = Vcc, RT =
50
AVcc-
200
-
AVcc
- 50
mV
BU16018KV,
BU16024KV
AVcc = Vcc, PRE = 0.0V, RT =
50
AVcc-
10
-
AVcc
+10
mV
VOL
Single-ended low-level output
voltage
AVcc = Vcc, RT = 50Ω
AVcc-
600
-
Avcc-
400
mV
VSWING
Single-ended
low-level
swing voltage
BU16006KV,
BU16027KV
AVcc = Vcc, RT = 50Ω, See
Figure 2,
300
-
460
mV
BU16018KV,
BU16024KV
AVcc = Vcc, PRE = Vcc, RT =
50
Ω, See Figure 2,
300
-
460
mV
BU16018KV,
BU16024KV
AVcc = Vcc, PRE = 0.0V, RT =
50
Ω, See Figure 2,
400
-
600
mV
Vod(O)
Overshoot of output differential voltage
See Figure 2
-
6%
15%
2xVswing
Vod(U)
Undershoot of output differential voltage
See Figure 2
-
12%
25%
2xVswing
RINT
Input termination resistance
AVcc = Vcc = 3.3V, VA = VB =
Vcc-400mV, See Figure 2
45
50
55


Similar Part No. - BU16018KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16018KV ROHM-BU16018KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Similar Description - BU16018KV

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com