Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6224B25BNR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6224B25BNR-G
Description  150mA High Speed LDO Voltage Regulator with ON/OFF Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6224B25BNR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6224B25BNR-G Datasheet HTML 5Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 6Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 7Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 8Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 9Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 10Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 11Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 12Page - Torex Semiconductor XC6224B25BNR-G Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
XC6224
Series
(1) Output Voltage vs. Output Current
XC6224x121
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50 100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
-40℃
25℃
85℃
VIN=2.2V CIN=CL=0.47μF
XC6224x121
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
VIN=1.3V
VIN=1.7V
VIN=2.2V
VIN=3.6V
Ta=25℃ CIN=CL=0.47μF
XC6224x181
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
50
100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
-40℃
25℃
85℃
VIN=2.8V CIN=CL=0.47μ
XC6224x181
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
50
100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
VIN=1.9V
VIN=2.3V
VIN=2.8V
VIN=3.6V
Ta=25℃ CIN=CL=0.47μF
XC6224x251
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
-40℃
25℃
85℃
VIN=3.5V CIN=CL=0.47μF
XC6224x251
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100 150 200 250 300 350 400 450 500
Output Current: IOUT[mA]
VIN=2.6V
VIN=3.0V
VIN=3.5V
VIN=3.6V
Ta=25℃ CIN=CL=0.47μF
■TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - XC6224B25BNR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6224B25BNR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com