Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1CJN0600 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MC1CJN0600
Description  Straight Plug, 6 Pos
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MC1CJN0600 Datasheet(HTML) 1 Page - Amphenol Corporation

  MC1CJN0600 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 x 3.6mm / 2 x 2.0mm
(BETWEEN CONTACTS)
630V AC/DC
<1
6000V
MAXIMUM MATING CYCLES:
Sales and Technical Support 1-800-394-7732
www.sineco.com
>50
DUPONT VITON
CONTACT SIZE:
MAXIMUM VOLTAGE:
TEST VOLTAGE:
CONTACT RESISTANCE:
MAX CURRENT:
MAX. 75A
III
ZINC DIE-CAST
BRASS, NICKEL-PLATED
BRASS, GOLD-PLATED
TEMPERATURE RANGE:
SEALS:
PROTECTION:
HOUSING BODY:
COUPLING NUT:
CONTACTS:
DEGREE OF PROTECTION:
PART NUMBER
LENGTH
NA
MC1CJN0600
CONFIGURATION
Straight Plug, 6 Pos
DIMENSIONS
PA66 / PBT, UL 94 / VO
TECHNICAL DATA
-20C to +130C
IP 67 (Plugged Condition)
3
INSULATION INSERTS:
OVER VOLTAGE CATEGORY:


Similar Part No. - MC1CJN0600

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
   Straight Plug, 8 Pos
More results

Similar Description - MC1CJN0600

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AHD16-6-12S-B010 AMPHENOL-AHD16-6-12S-B010 Datasheet
83Kb / 1P
   PLUG, 6 POS, COUPLING
MC1LKN0600 AMPHENOL-MC1LKN0600 Datasheet
63Kb / 1P
   Straight Receptacle, 6 Pos
MB1LLN0600 AMPHENOL-MB1LLN0600 Datasheet
73Kb / 1P
   Straight Receptacle, 6 Pos
MC1JJN0600 AMPHENOL-MC1JJN0600 Datasheet
69Kb / 1P
   Straight Extension, 6 Pos
MA1CAP1700 AMPHENOL-MA1CAP1700 Datasheet
78Kb / 1P
   Straight Plug, 17 Pos
MA1CAE1200 AMPHENOL-MA1CAE1200 Datasheet
84Kb / 1P
   Straight Plug, 12 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
   Straight Plug, 8 Pos
MB1CKN0900 AMPHENOL-MB1CKN0900 Datasheet
82Kb / 1P
   Straight Plug, 9 Pos
AHDC-16-6 AMPHENOL-AHDC-16-6 Datasheet
100Kb / 1P
   CAP, 6 POS
AHD16-9-1939S AMPHENOL-AHD16-9-1939S Datasheet
171Kb / 1P
   PLUG, 9 POS, COUPLING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com