Electronic Components Datasheet Search
Selected language     English  â–¼


IMS7 Datasheet(PDF) 3 Page - Power-One

Part No. IMS7
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

   
 3 page
background image
3
www.power-one.com
Edition 3/04.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
European
Projection
IMS 7
50.8 (2")
3.81(0.15")
3.81(0.15")
PT 2.2
self tapping screws
1
4
10
14
0.8
Ă— 1.2 (0.03 x 0.05") Pins
∅ 1.6 (0.06) PCB holes
3.4 (0.13")
45.7 (1.8")
4.6 (0.18")
S09030
Measuring point
of case temperature
TC
09032
35.5 (1.4")
15.2 (0.6")
1
2
3
4
5
∅ 1 (0.04") Pins
∅ 1.2 (0.05") PCB holes
0.5(0.02")
50.8 (2")
Measuring point of
case temperature
TC
IMS 7 (option C)
IMS 7 (option Z)
43.2 (1.7")
S90002
48 (1.9")
1
4
10
14
3.5 (0.14")
1.2 (0.5")
IMS 7 Series
7 Watt DC-DC Converters




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IMX15-2515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S1 watt dc-dc converters 1 2 AIMTEC
AM5T-N5 watt dc-dc converters 1 2 3 AIMTEC
AM15E-C15 watt dc-dc converters 1 2 AIMTEC
AM1L-0505SH30-N1 watt dc-dc converters 1 2 3 4 List of Unclassifed Manufacturers
12H1001-2R50 Watt DC-DC Converters 1 2 3 4 Power-One
IMX1515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S-N1 watt dc-dc converters 1 2 AIMTEC
AM5TW5 watt dc-dc converters 1 2 AIMTEC
AM15EW-C15 watt dc-dc converters 1 2 AIMTEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl