Electronic Components Datasheet Search
Selected language     English  ▼


IMS7 Datasheet(PDF) 4 Page - Power-One

Part No. IMS7
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

   
 4 page
background image
4
www.power-one.com
Edition 3/04.2001
4.2 (0.17")
42.4 (1.67")
S09031
50.8 (2")
0.8
× 1.2 (0.03 x 0.05") Pins
Measuring point of
case temperature
TC
1
4
10
14
IMS 7 SMD version (option M)
Pin allocation IMS 7, option M and Z
Pin
Single output
Dual output
1Vi+
Vi+
2Vi–
Vi–
3i
i
4n.c.
R (Trim)
10
Vo–
Vo1–
11
Vo+
Vo1+
12
Vo–
Vo2–
13
R
Vo2+
14
n.c.
n.c.
C pinout (option C)
Pin
Single output
Dual output
1Vi+
Vi+
2Vi–
Vi–
3Vo+
Vo+
4
no pin
Go
5Vo–
Vo–
90001
50.8 (2")
Measuring point of
case temperature
TC
1
3.6 (1.4")
8 x 5 (1.9")
Foot print
18
IMS 7 SMD version (option L)
SMD version (option L)
Pin
Single output
Dual output
1Vo
Vo1
2Go
Go
3n.c.
Vo2
4
n.c.
n.c.
5
n.c.
n.c.
6
n.c.
n.c.
7
n.c.
n.c.
8
n.c.
n.c.
9n.c.
Trim
10
n.c.
n.c.
11
i
i
12
no pin
no pin
13
no pin
no pin
14
n.c.
n.c.
15
n.c.
n.c.
16
n.c.
n.c.
17
Vi–
Vi–
18
Vi+
Vi+
Board Mountable
IMS 7 Series




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IMX15-2515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S1 watt dc-dc converters 1 2 AIMTEC
AM5T-N5 watt dc-dc converters 1 2 3 AIMTEC
AM15E-C15 watt dc-dc converters 1 2 AIMTEC
AM1L-0505SH30-N1 watt dc-dc converters 1 2 3 4 List of Unclassifed Manufacturers
12H1001-2R50 Watt DC-DC Converters 1 2 3 4 Power-One
IMX1515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S-N1 watt dc-dc converters 1 2 AIMTEC
AM5TW5 watt dc-dc converters 1 2 AIMTEC
AM15EW-C15 watt dc-dc converters 1 2 AIMTEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl