Selected language     English  ▼


IMS7 Datasheet(PDF) 1 Page - Power-One

Part No. IMS7
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

   
 1 page
background image
1
www.power-one.com
Edition 3/04.2001
• Magnetic feedback for single output models
• Short circuit protection
• Industry standard 2" x 1" case with 10.5 mm
profile
IMS 7 Series
7 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC
1 or 2 outputs up to 48 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Input voltage
Type
Options1, 2
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[mA]
[V DC]
[mA]
[V DC]
3.3
1200
-
-
14...36
24 IMS 7-03-9
M, C, L, Z
3.3
1200
-
-
36...75
48 IMS 7-03-9
M, C, L, Z
5.1
1200
-
-
14...36
24 IMS 7-05-9
M, C, L, Z
5.1
1200
-
-
36...75
48 IMS 7-05-9
M, C, L, Z
12
600
-
-
14…36
24 IMS 7-12-9C
12
600
-
-
36…75
48 IMS 7-12-9C
15
480
-
-
14…36
24 IMS 7-15-9C
15
480
-
-
36…75
48 IMS 7-15-9C
5
700
5
700
14...36
24 IMS 7-05-05-9
M, C, L, Z
5
700
5
700
36...75
48 IMS 7-05-05-9
M, C, L, Z
12
300
12
300
14...36
24 IMS 7-12-12-9
M, C, L, Z
12
300
12
300
36...75
48 IMS 7-12-12-9
M, C, L, Z
15
240
15
240
14...36
24 IMS 7-15-15-9
M, C, L, Z
15
240
15
240
36...75
48 IMS 7-15-15-9
M, C, L, Z
24
150
24
150
14...36
24 IMS 7-24-24-9
M, C, L, Z
24
150
24
150
36...75
48 IMS 7-24-24-9
M, C, L, Z
1 For minimum order quantities and lead times contact Power-One.
2 Option M, C, L and Z exclude each other.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IMX15-2515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S1 watt dc-dc converters 1 2 AIMTEC
AM5T-N5 watt dc-dc converters 1 2 3 AIMTEC
AM15E-C15 watt dc-dc converters 1 2 AIMTEC
AM1L-0505SH30-N1 watt dc-dc converters 1 2 3 4 List of Unclassifed Manufacturers
12H1001-2R50 Watt DC-DC Converters 1 2 3 4 Power-One
IMX1515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S-N1 watt dc-dc converters 1 2 AIMTEC
AM5TW5 watt dc-dc converters 1 2 AIMTEC
AM15EW-C15 watt dc-dc converters 1 2 AIMTEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl