Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U77-A641M-2081 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # U77-A641M-2081
Description  1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U77-A641M-2081 Datasheet(HTML) 4 Page - Amphenol Corporation

  U77-A641M-2081 Datasheet HTML 1Page - Amphenol Corporation U77-A641M-2081 Datasheet HTML 2Page - Amphenol Corporation U77-A641M-2081 Datasheet HTML 3Page - Amphenol Corporation U77-A641M-2081 Datasheet HTML 4Page - Amphenol Corporation U77-A641M-2081 Datasheet HTML 5Page - Amphenol Corporation U77-A641M-2081 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(SEE NOTE 1)
(BSC)
4.10
4.10
0
0
4.50
10.00
15.00
20.00
22.80
27.50
32.50
37.10
5.00
25.00
30.90
35.00
L
X
S
-W-
Z
0.05
L
V
W
W
S
X
L
0.05
-V-
0.06
0.06 L V W
PIN 1
SCALE 4 : 1
10
11
DETAIL C
20
(TYP.)
±0.05
1.55
(SEE NOTES 2)
3.40
3.80
3.40
0.50
(20 PLCS)
±0.03
3.80
(20 PLCS)
0.80
2.00
(TYP.)
±0.05
(SEE NOTES 2)
2.00
2.00
9.60
1.55±0.05
Y
4.
SEE DRAWINGS P-UX76-A20-X00XX FOR CONNECTOR LAYOUT.
3.
THRU-HOLES, PLATING OPTIONAL.
NOTES:
DATUM AND BASIC DIMENSIONS ESTABLISHED BY CUSTOMER.
1.
PADS AND VIAS ARE CHASSIS GROUND.
2.
RECOMMENDED PCB DESIGN
(P/N: U77-A241M-X081)
PROPOSAL
MAR14/09
DESIGNED
A.G
B
A
D
B
C
D
C
A
SCALE
SIZE
A3
4 OF 6
WITH ELASTOMERIC GASKET
DWG APP'D
MAR26/09
UPDATED
DWG. NO.
Amphenol Canada Corp.
APPROVALS
DRAWN
CHECKED
QA APPD
1XN SFP+ CAGE ASSEMBLY
PROJECT
MAR26/09
MATERIAL AND FINISH
B
A
SHEET
P-U77-AX41M-X081
REF.
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
DECIMALS
ANGLES
REV.
DATE
SEE NOTE 1
1
DO NOT SCALE DRAWING
TOLERANCES ARE:
2
0.25
1
3
4
5
8
7
MAR26/09
5
8
3
6
4
2
1
REVISIONS
APPROVED
6
REV.
IE APP'D
DESCRIPTION
ECN/E-R
TITLE
DATE
B
2:1
7
CODE IDENT. NO.
03554
ChigowX
J.SI
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
X.X 0.38
X.XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
JUL14/09
SCALE 4 : 1
DETAIL B
PATTERN REPEATS FOR EACH PORT.
SPACING BETWEEN PORTS IS 14.25mm.
APPLIES TO ALL GANGED LAYOUTS
±0.10
2.00
12.05±0.10
-Z-
S
Z
0.1 M X
M
0.1
S
X Z
0.1 S
X Y
X
(TRACES ALLOWED)
DENOTES COMPONENTS
C
(EXCEPT CHASSIS GROUND)
AND TRACE KEEP-OUT
CROSS-HATCH AREA
THIS AREA DENOTES
COMPONENTS KEEP-OUT
B
±0.05
0.95
(12 PLCS)
1.05
(12 PLCS)
±0.05
1.05±0.05


Similar Part No. - U77-A641M-2081

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U77-A661M-2081 AMPHENOL-U77-A661M-2081 Datasheet
422Kb / 6P
   1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
U77-A661M-3081 AMPHENOL-U77-A661M-3081 Datasheet
422Kb / 6P
   1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
More results

Similar Description - U77-A641M-2081

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
0747230001 MOLEX1-0747230001 Datasheet
33Kb / 1P
   1-by-5 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747280415 MOLEX1-0747280415 Datasheet
27Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747220001 MOLEX1-0747220001 Datasheet
26Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit
1700718013 MOLEX1-1700718013 Datasheet
41Kb / 2P
   Stacked Ganged Assembly with Elastomeric Gasket
logo
Amphenol Corporation
P-U77-AX61M-X081 AMPHENOL-P-U77-AX61M-X081 Datasheet
422Kb / 6P
   1XN SFP GAGE ASSY WITH SPRING FINGER GASKET
P-U77-CX61M-X081 AMPHENOL-P-U77-CX61M-X081 Datasheet
734Kb / 11P
   1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
logo
Molex Electronics Ltd.
0747280416 MOLEX1-0747280416 Datasheet
28Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Without Light Pipes
0747220004 MOLEX1-0747220004 Datasheet
35Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Pre-Plated Nickel
logo
Amphenol Corporation
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com