Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U77-A1613-100T Datasheet(PDF) 2 Page - Amphenol Corporation

Part # U77-A1613-100T
Description  IPF SINGLE CAGE WITH SOLDER PINS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U77-A1613-100T Datasheet(HTML) 2 Page - Amphenol Corporation

  U77-A1613-100T Datasheet HTML 1Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 2Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 3Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 4Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 5Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 6Page - Amphenol Corporation U77-A1613-100T Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image


Similar Part No. - U77-A1613-100T

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U77-A1618-2001 AMPHENOL-U77-A1618-2001 Datasheet
341Kb / 5P
   SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
U77-A1618-200T AMPHENOL-U77-A1618-200T Datasheet
341Kb / 5P
   SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
U77-A1618-2D01 AMPHENOL-U77-A1618-2D01 Datasheet
341Kb / 5P
   SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
U77-A1618-2D0T AMPHENOL-U77-A1618-2D0T Datasheet
341Kb / 5P
   SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
More results

Similar Description - U77-A1613-100T

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U77-A1112 AMPHENOL-U77-A1112 Datasheet
811Kb / 7P
   SFP SINGLE CASE WITH SOLDER PINS
logo
Molex Electronics Ltd.
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
logo
PowerDynamics, Inc
PD-HEC2-FPC-S-W POWERDYNAMICS-PD-HEC2-FPC-S-W Datasheet
218Kb / 1P
   SOLDER PINS
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
Amphenol Corporation
P-U77-A1618-2X0X AMPHENOL-P-U77-A1618-2X0X Datasheet
341Kb / 5P
   SFP 1X1 CAGE WITH 8 PRESS FIT / 12 EMI PINS
P-UE78-B1126 AMPHENOL-P-UE78-B1126 Datasheet
183Kb / 4P
   SFP STACKED COMBO WITH PRESS FIT PINS CONNECTOR AND CAGE)
logo
Molex Electronics Ltd.
0747540102 MOLEX1-0747540102 Datasheet
43Kb / 1P
   SFP Cage, Single Port, EMI Spring Fingers, 2.28mm Press Fit Pins
0747670602 MOLEX11-0747670602 Datasheet
38Kb / 1P
   QSFP 1x2 Ganged Cage Assembly with NET Heatsink, Single Lightpipe, Open Top, Press-Fit Pins
logo
Aries Electronics, Inc.
03-0518-10 ARIES-03-0518-10 Datasheet
274Kb / 1P
   Series X518 Single and Dual Row Collet Sockets with Solder Tail Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com