Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

796700-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 796700-2
Description  TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

796700-2 Datasheet(HTML) 1 Page - Tyco Electronics

  796700-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 796700-2

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7967 SONARDYNE-7967 Datasheet
86Kb / 2P
   OBC/LRT Deck Unit
7967-000-02 SONARDYNE-7967-000-02 Datasheet
86Kb / 2P
   OBC/LRT Deck Unit
7967-000-02 SONARDYNE-7967-000-02 Datasheet
87Kb / 2P
   Lightweight Release Transponder (LRT)
7967-002 SONARDYNE-7967-002 Datasheet
86Kb / 2P
   OBC/LRT Deck Unit
7967-036 SONARDYNE-7967-036 Datasheet
86Kb / 2P
   OBC/LRT Deck Unit
More results

Similar Description - 796700-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776148 MACOM-C-1776148 Datasheet
108Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1776166 MACOM-C-1776166 Datasheet
80Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, MULTIPLE, 90 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546209 MACOM-C-1546209 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, STACKING 5.00mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1776146 MACOM-C-1776146 Datasheet
87Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 80 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546211 MACOM-C-1546211 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
C-796645 MACOM-C-796645 Datasheet
114Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.00mm PITCH
C-1776134 MACOM-C-1776134 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH
C-1776155 MACOM-C-1776155 Datasheet
78Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 7.62mm PITCH
C-1776163 MACOM-C-1776163 Datasheet
66Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 10.16mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com