Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMZ5.1K Datasheet(PDF) 2 Page - Rohm

Part # UMZ5.1K
Description  Zener diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ5.1K Datasheet(HTML) 2 Page - Rohm

  UMZ5.1K Datasheet HTML 1Page - Rohm UMZ5.1K Datasheet HTML 2Page - Rohm UMZ5.1K Datasheet HTML 3Page - Rohm UMZ5.1K Datasheet HTML 4Page - Rohm UMZ5.1K Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UMZ11K
Diodes
2/4
Electrical characteristics (Ta=25 C)
MARKING TYPE NO.
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
UMZ3.6K
3.600
3.845
5.0
10.0
1.0
UMZ3.9K
3.890
4.160
5.0
5.0
1.0
UMZ4.3K
4.170
4.430
5.0
5.0
1.0
UMZ4.7K
4.550
4.750
5.0
2.0
1.0
UMZ5.1K
4.980
5.200
5.0
2.0
1.5
UMZ5.6K
5.490
5.730
5.0
1.0
2.5
UMZ6.2K
6.060
6.330
5.0
1.0
3.0
UMZ6.8K
6.650
6.930
5.0
0.5
3.5
UMZ7.5K
7.280
7.600
5.0
0.5
4.0
UMZ8.2K
8.020
8.360
5.0
0.5
5.0
UMZ9.1K
8.850
9.230
5.0
0.5
6.0
UMZ10K
9.770
10.210
5.0
0.1
7.0
UMZ11K
10.760
11.220
5.0
0.1
8.0
UMZ12K
11.740
12.240
5.0
0.1
9.0
UMZ13K
12.910
13.490
5.0
0.1
10.0
UMZ15K
14.340
14.980
5.0
0.1
11.0
UMZ16K
15.850
16.510
5.0
0.1
12.0
UMZ18K
17.560
18.350
5.0
0.1
13.0
UMZ20K
19.520
20.390
5.0
0.1
15.0
UMZ22K
21.540
22.470
5.0
0.1
17.0
UMZ24K
23.720
24.780
5.0
0.1
19.0
UMZ27K
26.190
27.530
5.0
0.1
21.0
UMZ30K
29.190
30.690
5.0
0.1
23.0
UMZ33K
32.150
33.790
5.0
0.1
25.0
UMZ36K
35.070
36.870
5.0
0.1
27.0
(
)The zener voltage(Vz) is measured 40ms after power is supplied.
Symbol
TYP.
Zener voltage Vz(V)
Reverse current
IR(uA)
TYPE
TYPE NO.
TYPE
TYPE NO.
UMZ 3.6K
5U
UMZ 12K
2L
UMZ 3.9K
5V
UMZ 13K
5B
UMZ 4.3K
5W
UMZ 15K
2M
UMZ 4.7K
5X
UMZ 16K
2N
UMZ 5.1K
5Y
UMZ 18K
2P
UMZ 5.6K
3V
UMZ 20K
2Q
UMZ 6.2K
5Z
UMZ 22K
2R
UMZ 6.8K
3X
UMZ 24K
2S
UMZ 7.5K
2E
UMZ 27K
2T
UMZ 8.2K
2H
UMZ 30K
2U
UMZ 9.1K
5E
UMZ 33K
2V
UMZ 10K
3Z
UMZ 36K
2W
UMZ 11K
2K


Similar Part No. - UMZ5.1K

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ5.1K ROHM-UMZ5.1K Datasheet
138Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
138Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
137Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
2Mb / 10P
   Zener Diode
UMZ5.1K ROHM-UMZ5.1K Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UMZ5.1K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com