Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US5U2 Datasheet(PDF) 4 Page - Rohm

Part # US5U2
Description  4V Drive NchSBD MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U2 Datasheet(HTML) 4 Page - Rohm

  US5U2 Datasheet HTML 1Page - Rohm US5U2 Datasheet HTML 2Page - Rohm US5U2 Datasheet HTML 3Page - Rohm US5U2 Datasheet HTML 4Page - Rohm US5U2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US5U2
Transistors
Rev.B
4/4
DRAIN CURRENT : ID (A)
Fig.10 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι )
0.1
100
1000
110
Ta=25
°C
Pulsed
VGS=4V
VGS=10V
VGS=4.5V


Similar Part No. - US5U2

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
   Small switching (-20V, -1.5A)
US5U29 ROHM-US5U29 Datasheet
83Kb / 5P
   2.5V Drive PchSBD MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
   2.5V Drive PchSBD MOS FET
More results

Similar Description - US5U2

ManufacturerPart #DatasheetDescription
logo
Rohm
ES6U3 ROHM-ES6U3 Datasheet
209Kb / 5P
   4V Drive NchSBD MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com