Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48IMO6-1212-2 Datasheet(PDF) 2 Page - Power-One

Part # 48IMO6-1212-2
Description  6 Watt DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMO6-1212-2 Datasheet(HTML) 2 Page - Power-One

  48IMO6-1212-2 Datasheet HTML 1Page - Power-One 48IMO6-1212-2 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.power-one.com
Board Mountable
IMO Series
Safety and EMC
Electric strength test voltage
I/O
1500 V DC
Electromagnetic interference
conducted
class A
conducted with external filter
class B
Environmental
Operating ambient temperature
Ui nom, lo nom
–10...50
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
95 %
MTBF
MIL-HDBK-217F, N2
>3'000'000 h
Options
Extended temperature range
–25...71
°C, ambient, operating
-7
Accessories
DIN and chassis mounting bracket
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
Pin allocation
Pin
Single output
Dual output
1Vi+
Vi+
2Vi–
Vi–
3Vo+
Vo+
4
no pin
COM
5Vo–
Vo–
5 (0.2")
50.8 (2")
20.32 (0.8")
1
2
4
S09112
12 (0.47")
3
5
European
Projection


Similar Part No. - 48IMO6-1212-2

ManufacturerPart #DatasheetDescription
logo
Power-One
48IML10-03-3 POWER-ONE-48IML10-03-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-05-3 POWER-ONE-48IML10-05-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-0503-3 POWER-ONE-48IML10-0503-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-12-3 POWER-ONE-48IML10-12-12-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-3C POWER-ONE-48IML10-12-3C Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
More results

Similar Description - 48IMO6-1212-2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com