Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24IMS6-0505-9 Datasheet(PDF) 6 Page - Power-One

Part # 24IMS6-0505-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

24IMS6-0505-9 Datasheet(HTML) 6 Page - Power-One

Back Button 24IMS6-0505-9 Datasheet HTML 2Page - Power-One 24IMS6-0505-9 Datasheet HTML 3Page - Power-One 24IMS6-0505-9 Datasheet HTML 4Page - Power-One 24IMS6-0505-9 Datasheet HTML 5Page - Power-One 24IMS6-0505-9 Datasheet HTML 6Page - Power-One 24IMS6-0505-9 Datasheet HTML 7Page - Power-One 24IMS6-0505-9 Datasheet HTML 8Page - Power-One 24IMS6-0505-9 Datasheet HTML 9Page - Power-One 24IMS6-0505-9 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Output Data
General conditions:
TA = 25 C, unless TC is specified.
Table 6a: Output data for single output units
Output
Uo nom
5.0 V
12.0 V
15.0 V
Characteristics
Conditions
min typ max
min typ max
min typ max
Unit
Uo
Output voltage
Ui nom, Io = 0.5 Io nom
4.96
5.04
11.90
12.10
14.88
15.12
VDC
Io nom Output current
Ui min...Ui max
1000
500
400
mA
Io L
Current limit 2
Ui nom, TC = 25 C
1400
700
600
Uo U Line regulation
Ui min...Ui max, Io nom
1
1
1%
U
Load regulation
Ui nom
3
3
3
Io = (0.1...1) Io nom
uo1, 2 Output voltage noise
Ui min...Ui max
5
80
120
150
mVpp
Io = Io nom
6
20
40
40
60
50
75
Uo clp Output overvoltage
Min. load 1%
130
130
130
%
limitation
Co ext Admissible
680
150
100
uF
capacitive load 3
uo d
Dynamic Voltage deviat.
Ui nom
250
250
250
mV
td
load
Recovery time
Io nom
1/2 Io nom
1
1
ms
regulat.
Uo
Temperature coefficient
Ui min...Ui max
0.02
0.02
0.02
%/K
Uo/ TC
Io = 0...Io nom
Table 6b: Output data for dual output units
Output
Uo nom
5 V
12 V
15 V
Characteristics
Conditions
min typ max
min typ max
min typ max
Unit
Uo1
Output voltage
Ui nom
4.96
5.04
11.90
12.10
14.88
15.12
VDC
Uo2
Io1 = Io2 = 0.5 Io nom
4.95
5.05
11.88
12.12
14.85
15.15
Io nom Output current 1
Ui min...Ui max
2
500
2
350
2
200
mA
Uo U Line regulation
Ui min...Ui max, Io nom
1
1
1
U
Load regulation 4
Ui nom
3
3.5
3
Io = (0.1...1) Io nom
uo1, 2 Output voltage noise
Ui min...Ui max
5
100
140
150
mVpp
Io = Io nom
6
40
60
45
70
50
75
Uo clp Output overvoltage
Min. load 1%
130
130
130
%
limitation
Co ext Admissible
680
150
100
uF
capacitive load 3
uo d
Dynamic Voltage deviat.
Ui nom
250
600
750
mV
td
load
Recovery time
Io nom
1/2 Io nom
11
1
ms
regulat.
Uo
Temperature coefficient
Ui min...Ui max
0.02
0.02
0.02
%/K
Uo/ TC
Io = 0...Io nom
1 Each output capable of delivering full output power.
2 The current limit is primary side controlled.
3 Sum of both outputs.
4 Conditions for specified output. Other output loaded with constant current Io = 0.5 Io nom.
5 BW = 20 MHz
6 Measured with a probe according to EN 61204.
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
Edition 1 06.00
N/A
%
N/A
x
x
x


Similar Part No. - 24IMS6-0505-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
24IMS15 BEL-24IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
24IMS15-05-05-9 POWER-ONE-24IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
24IMS15-05-05-9 BEL-24IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
24IMS15-05-9R POWER-ONE-24IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
24IMS15-05-9R BEL-24IMS15-05-9R Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
More results

Similar Description - 24IMS6-0505-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com