Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24093DGQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24093DGQR
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24093DGQR Datasheet(HTML) 5 Page - Texas Instruments

  BQ24093DGQR Datasheet HTML 1Page - Texas Instruments BQ24093DGQR Datasheet HTML 2Page - Texas Instruments BQ24093DGQR Datasheet HTML 3Page - Texas Instruments BQ24093DGQR Datasheet HTML 4Page - Texas Instruments BQ24093DGQR Datasheet HTML 5Page - Texas Instruments BQ24093DGQR Datasheet HTML 6Page - Texas Instruments BQ24093DGQR Datasheet HTML 7Page - Texas Instruments BQ24093DGQR Datasheet HTML 8Page - Texas Instruments BQ24093DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
bq24090, bq24091
bq24092, bq24093
www.ti.com
SLUS968B – JANUARY 2010 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECHARGE OR REFRESH
Recharge detection threshold –
VO(REG)
VO(REG)-
VIN = 5V, VTS = 0.5V, VOUT: 4.25V → VRCH
VO(REG)-0.095
V
Normal Temp
-0.120
0.070
VRCH
Recharge detection threshold – Hot
VO(REG)
VO(REG)-
VIN = 5V, VTS = 0.2V, VOUT: 4.15V → VRCH
VO(REG)-0.105
V
Temp
-0.130
0.080
Deglitch time, recharge threshold
VIN = 5V, VTS = 0.5V, VOUT: 4.25V → 3.5V in 1ms;
tDGL1(RCH)
29
ms
detected
tDGL(RCH) is time to ISET ramp
Deglitch time, recharge threshold
VIN = 5V, VTS = 0.5V, VOUT = 3.5V inserted; tDGL(RCH)
tDGL2(RCH)
3.6
ms
detected in OUT-Detect Mode
is time to ISET ramp
BATTERY DETECT ROUTINE
VOUT Reduced regulation during
VO(REG)
VO(REG)-
VREG-BD
VO(REG)-0.400
V
battery detect
-0.450
350
IBD-SINK
Sink current during VREG-BD
VIN = 5V, VTS = 0.5V, Battery Absent
7
10
mA
tDGL(HI/LOW
Regulation time at VREG or VREG-BD
25
ms
REG)
VO(REG)
VO(REG)-
VBD-HI
High battery detection threshold
VIN = 5V, VTS = 0.5V, Battery Absent
VO(REG)-0.100
V
-0.150
0.050
VREG-BD
VREG-BD
VBD-LO
Low battery detection threshold
VIN = 5V, VTS = 0.5V, Battery Absent
VREG-BD +0.1
V
+0.50
+0.15
BATTERY CHARGING TIMERS AND FAULT TIMERS
Restarts when entering Pre-charge; Always enabled
tPRECHG
Pre-charge safety timer value
1700
1940
2250
s
when in pre-charge.
Clears fault or resets at UVLO, TS/BAT_EN disable,
tMAXCH
Charge safety timer value
34000
38800
45000
s
OUT Short, exiting LOWV and Refresh
BATTERY-PACK NTC MONITOR (Note 1); TS pin: 10k and 100k NTC
INTC-10k
NTC bias current, bq24090/2
VTS = 0.3V
48
50
52
mA
INTC-100k
NTC bias current, bq24091/3
VTS = 0.3V
4.8
5.0
5.2
mA
10k NTC bias current when Charging
INTC-DIS-10k
VTS = 0V
27
30
34
mA
is disabled, bq24090/2
10k NTC bias current when Charging
INTC-DIS-100k
VTS = 0V
4.4
5.0
5.8
mA
is disabled, bq24091/3
INTC is reduced prior to entering
INTC-FLDBK-10k
TTDM to keep cold thermistor from
VTS: Set to 1.525V
4
5
6.5
mA
entering TTDM, bq24090/2
INTC is reduced prior to entering
INTC-FLDBK-100k
TTDM to keep cold thermistor from
VTS: Set to 1.525V
1.1
1.5
1.9
mA
entering TTDM, bq24091/3
Termination and timer disable mode
VTTDM(TS)
VTS: 0.5V → 1.7V; Timer Held in Reset
1550
1600
1650
mV
Threshold – Enter
VHYS-TTDM(TS)
Hysteresis exiting TTDM
VTS: 1.7V → 0.5V; Timer Enabled
100
mV
VCLAMP(TS)
TS maximum voltage clamp
VTS = Open (Float)
1800
1950
2000
mV
Deglitch exit TTDM between states
57
ms
tDGL(TTDM)
Deglitch enter TTDM between states
8
ms
INTC adjustment (90 to 10%; 45 to 6.6uS) takes
TS voltage where INTC is reduce to
VTS_I-FLDBK
place near this spec threshold. VTS: 1.425V →
1475
mV
keep thermistor from entering TTDM
1.525V
CTS
Optional Capacitance – ESD
0.22
mF
Low Temp Charging to Pending;
VTS-0°C
Low temperature CHG Pending
1205
1230
1255
mV
VTS: 1.0V → 1.5V
Charge pending to low temp charging;
VHYS-0°C
Hysteresis at 0°C
86
mV
VTS: 1.5V → 1V
Low temperature, half charge,
Normal charging to low temp charging;
VTS-10°C
765
790
815
mV
bq24092/3
VTS: 0.5V → 1V
Low temp charging to normal CHG;
VHYS-10°C
Hysteresis at 10°C, bq24092/3
35
mV
VTS: 1.0V → 0.5V
Normal charging to high temp CHG;
VTS-45°C
High temperature at 4.1V
263
278
293
mV
VTS: 0.5V → 0.2V
High temp charging to normal CHG;
VHYS-45°C
Hysteresis at 45°C
10.7
mV
VTS: 0.2V → 0.5V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24090 bq24091 bq24092 bq24093


Similar Part No. - BQ24093DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
More results

Similar Description - BQ24093DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com