Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24IMS15-15-15-9 Datasheet(PDF) 1 Page - Power-One

Part # 24IMS15-15-15-9
Description  15 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

24IMS15-15-15-9 Datasheet(HTML) 1 Page - Power-One

  24IMS15-15-15-9 Datasheet HTML 1Page - Power-One 24IMS15-15-15-9 Datasheet HTML 2Page - Power-One 24IMS15-15-15-9 Datasheet HTML 3Page - Power-One 24IMS15-15-15-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
• Magnetic feedback
• Short circuit protection
• Industry standard 2" x 1.6" case with 10.5 mm
profile
IMS 15 Series
15 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC
1 or 2 outputs up to 48 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Input voltage
Type
Options1
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[mA]
[V DC]
[mA]
[V DC]
5.1
2700
-
-
14...36
24 IMS 15-05-9R
i, C, L, Z
5.1
2700
-
-
36...75
48 IMS 15-05-9R
i, C, L, Z
12
1400
-
-
14…36
24 IMS 15-12-9C
12
1400
-
-
36…75
48 IMS 15-12-9C
15
1120
-
-
14…36
24 IMS 15-15-9C
15
1120
-
-
36…75
48 IMS 15-15-9C
+5.1
1600
+3.3
1600
14...36
24 IMS 15-0503-9R
i, L, Z
+5.1
1600
+3.3
1600
36...75
48 IMS 15-0503-9R
i, L, Z
5
1400
5
1400
14...36
24 IMS 15-05-05-9
K, i, C, L, Z
5
1400
5
1400
36...75
48 IMS 15-05-05-9
K, i, C, L, Z
12
700
12
700
14...36
24 IMS 15-12-12-9
K, i, C, L, Z
12
700
12
700
36...75
48 IMS 15-12-12-9
K, i, C, L, Z
15
560
15
560
14...36
24 IMS 15-15-15-9
K, i, C, L, Z
15
560
15
560
36...75
48 IMS 15-15-15-9
K, i, C, L, Z
24
350
24
350
14...36
24 IMS 15-24-24-9
i, C, L, Z
24
350
24
350
36...75
48 IMS 15-24-24-9
i, C, L, Z
1 For minimum order quantity and lead time contact Power-One.
LGA


Similar Part No. - 24IMS15-15-15-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
24IMS15-15-15-9 BEL-24IMS15-15-15-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
More results

Similar Description - 24IMS15-15-15-9

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com