Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1546212-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1546212-3
Description  TERMINAL BLOCK HEADER ASSEMBLY 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1546212-3 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1546212-3 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2-1546212-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1546210-0 MACOM-2-1546210-0 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
2-1546210-1 MACOM-2-1546210-1 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
2-1546210-2 MACOM-2-1546210-2 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
2-1546210-3 MACOM-2-1546210-3 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
2-1546210-4 MACOM-2-1546210-4 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
More results

Similar Description - 2-1546212-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776138 MACOM-C-1776138 Datasheet
108Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776142 MACOM-C-1776142 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK 5.00mm PITCH
C-1776139 MACOM-C-1776139 Datasheet
89Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1776145 MACOM-C-1776145 Datasheet
75Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-282812 MACOM-C-282812 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
C-1546210 MACOM-C-1546210 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776140 MACOM-C-1776140 Datasheet
88Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546211 MACOM-C-1546211 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE , CLOSED ENDS, 5.00mm PITCH
C-1776143 MACOM-C-1776143 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK, 5.08mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com