Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24IMS6-1515-9 Datasheet(PDF) 8 Page - Power-One

Part # 24IMS6-1515-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

24IMS6-1515-9 Datasheet(HTML) 8 Page - Power-One

Back Button 24IMS6-1515-9 Datasheet HTML 4Page - Power-One 24IMS6-1515-9 Datasheet HTML 5Page - Power-One 24IMS6-1515-9 Datasheet HTML 6Page - Power-One 24IMS6-1515-9 Datasheet HTML 7Page - Power-One 24IMS6-1515-9 Datasheet HTML 8Page - Power-One 24IMS6-1515-9 Datasheet HTML 9Page - Power-One 24IMS6-1515-9 Datasheet HTML 10Page - Power-One 24IMS6-1515-9 Datasheet HTML 11Page - Power-One 24IMS6-1515-9 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
70
100
Uo [%]
t [ms]
05041
8.5
60.5
60.5
overload short circuit condition
switch-off
40
50
60
70
80
90 [%]
05060
25
50
75
100
Po nom
[%]
Ui nom
Ui max
Ui min
Fig. 16
Overload switch-off (hiccup mode).
Frequency of pulses: 16.5 Hz, puls duration: 8.5 ms.
Fig. 17
Efficiency versus input voltage and load.
Typical values (48IMS6 -1212-9)
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
Edition 1 06.00


Similar Part No. - 24IMS6-1515-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
24IMS15 BEL-24IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
24IMS15-05-05-9 POWER-ONE-24IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
24IMS15-05-05-9 BEL-24IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
24IMS15-05-9R POWER-ONE-24IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
24IMS15-05-9R BEL-24IMS15-05-9R Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
More results

Similar Description - 24IMS6-1515-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com