Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48IMS7-05-05-9 Datasheet(PDF) 1 Page - Power-One

Part # 48IMS7-05-05-9
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS7-05-05-9 Datasheet(HTML) 1 Page - Power-One

  48IMS7-05-05-9 Datasheet HTML 1Page - Power-One 48IMS7-05-05-9 Datasheet HTML 2Page - Power-One 48IMS7-05-05-9 Datasheet HTML 3Page - Power-One 48IMS7-05-05-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 3/04.2001
• Magnetic feedback for single output models
• Short circuit protection
• Industry standard 2" x 1" case with 10.5 mm
profile
IMS 7 Series
7 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC
1 or 2 outputs up to 48 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Input voltage
Type
Options1, 2
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[mA]
[V DC]
[mA]
[V DC]
3.3
1200
-
-
14...36
24 IMS 7-03-9
M, C, L, Z
3.3
1200
-
-
36...75
48 IMS 7-03-9
M, C, L, Z
5.1
1200
-
-
14...36
24 IMS 7-05-9
M, C, L, Z
5.1
1200
-
-
36...75
48 IMS 7-05-9
M, C, L, Z
12
600
-
-
14…36
24 IMS 7-12-9C
12
600
-
-
36…75
48 IMS 7-12-9C
15
480
-
-
14…36
24 IMS 7-15-9C
15
480
-
-
36…75
48 IMS 7-15-9C
5
700
5
700
14...36
24 IMS 7-05-05-9
M, C, L, Z
5
700
5
700
36...75
48 IMS 7-05-05-9
M, C, L, Z
12
300
12
300
14...36
24 IMS 7-12-12-9
M, C, L, Z
12
300
12
300
36...75
48 IMS 7-12-12-9
M, C, L, Z
15
240
15
240
14...36
24 IMS 7-15-15-9
M, C, L, Z
15
240
15
240
36...75
48 IMS 7-15-15-9
M, C, L, Z
24
150
24
150
14...36
24 IMS 7-24-24-9
M, C, L, Z
24
150
24
150
36...75
48 IMS 7-24-24-9
M, C, L, Z
1 For minimum order quantities and lead times contact Power-One.
2 Option M, C, L and Z exclude each other.


Similar Part No. - 48IMS7-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
48IMS7-05-05-9 POWER-ONE-48IMS7-05-05-9 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS7-05-05-9 BEL-48IMS7-05-05-9 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 48IMS7-05-05-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com