Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-282815-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-282815-7
Description  TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-282815-7 Datasheet(HTML) 1 Page - Tyco Electronics

  1-282815-7 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1-282815-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-282812-0 MACOM-1-282812-0 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
1-282812-1 MACOM-1-282812-1 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
1-282812-2 MACOM-1-282812-2 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
1-282812-3 MACOM-1-282812-3 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
1-282812-4 MACOM-1-282812-4 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
More results

Similar Description - 1-282815-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1776141 MACOM-C-1776141 Datasheet
107Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1776145 MACOM-C-1776145 Datasheet
75Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-282812 MACOM-C-282812 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
C-1546210 MACOM-C-1546210 Datasheet
58Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776140 MACOM-C-1776140 Datasheet
88Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776139 MACOM-C-1776139 Datasheet
89Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1546518 MACOM-C-1546518 Datasheet
57Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS, STACKING 5.08mm PITCH
C-796698 MACOM-C-796698 Datasheet
91Kb / 1P
   TERMINAL BLOK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776138 MACOM-C-1776138 Datasheet
108Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1546212 MACOM-C-1546212 Datasheet
50Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com