Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAS-2601-2101-2-0AF Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # FAS-2601-2101-2-0AF
Description  MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAS-2601-2101-2-0AF Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  FAS-2601-2101-2-0AF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAS-2601-2101-2-0AF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAS-2601-2101-2-0AF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-18
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
700V ACrms for 1 minute
Contact Resistance:
30m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +105°C
Materials and Finish
Housing: PBT, glass filled UL 94V-0 rated
Contacts: Copper Alloy
Plating:
Contacts - Au 0.3µm over Ni
IDC Terminals - Flash Au over Ni
Features
2.54mm contact pitch sockets for flat cables with cable-end strain relief
Variations include latch header plugs (for PC-board connection
and IDC) and IDC sockets
Two-point contact of the flat cable sockets ensures high reliability
Series FAS
IDC - Socket, 2.54mm Pitch (2-Point Contact)
Part Number (Details)
FAS
- 34
- 17
Series (socket)
No. of Leads
Center Key
Contact Details
Jigs and Tools
Hand press: FX-003
Applicable jig: FA-005
Outline Dimensions
Applicable Cables
AWG 28 stranded wire, 1.27mm pitch
AWG 30 solid wire, 1.27mm pitch
(e.g. DK**-*, FLEX-S*, TPFLEX-N*, FS-FLEX-B*,
see Section F)
Standard types see table.
For other versions from 10 to 64 leads please contact Yamaichi,
minimum order quantity may be required
FAS-16-17
16
24.90
17.78
FAS-20-17
20
29.98
22.86
FAS-26-17
26
37.60
30.48
FAS-34-17
34
47.76
40.64
Part Number
No. of Leads
A
B
Part Number
No. of Leads
A
B


Similar Part No. - FAS-2601-2101-2-0AF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-K/Q MSYSTEM-FAS-00-K/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-L MSYSTEM-FAS-00-L Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-L/Q MSYSTEM-FAS-00-L/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-00-P MSYSTEM-FAS-00-P Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS-2601-2101-2-0AF

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP-24-7241-T ASSMANN-AWP-24-7241-T Datasheet
189Kb / 1P
   IDC SOCKET-2.54MM PITCH
AWP-14-7241-T ASSMANN-AWP-14-7241-T Datasheet
182Kb / 1P
   IDC SOCKET - 2.54MM PITCH, GOLD FLASH
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
   IDC Socket - 26 contact
AWP-20-7241-T ASSMANN-AWP-20-7241-T Datasheet
72Kb / 1P
   IDC Socket - 20 contact
AWP-60-7541-T ASSMANN-AWP-60-7541-T Datasheet
74Kb / 1P
   IDC Socket - 60 contact
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
AWP-26-7541-T ASSMANN-AWP-26-7541-T Datasheet
73Kb / 1P
   IDC Socket - 26 contact
AWP2-20-7241-T ASSMANN-AWP2-20-7241-T Datasheet
69Kb / 1P
   IDC Socket - 20 contact
AWP-40-7541-T ASSMANN-AWP-40-7541-T Datasheet
73Kb / 1P
   IDC Socket - 40 contact
AWP-60-7241-T ASSMANN-AWP-60-7241-T Datasheet
73Kb / 1P
   IDC Socket - 60 contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com