Electronic Components Datasheet Search |
|
SN65ALS176DR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN65ALS176DR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 29 page SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B DIFFERENTIAL BUS TRANSCEIVERS SLLS040H – AUGUST 1987 – REVISED JUNE 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DRIVER SECTION electrical characteristics over recommended ranges of supply voltage and operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† MIN TYP‡ MAX UNIT VIK Input clamp voltage II = –18 mA –1.5 V VO Output voltage IO = 0 0 6 V |VOD1| Differential output voltage IO = 0 1.5 6 V |VOD2| Differential output voltage RL = 100 Ω, See Figure 1 1/2VOD1 or 2§ V OD2 g RL = 54 Ω, See Figure 1 1.5 2.5 5 V VOD3 Differential output voltage Vtest = –7 V to 12 V, See Figure 2 1.5 5 V ∆|VOD| Change in magnitude of differential output voltage¶ RL = 54 Ω or 100 Ω, See Figure 1 ±0.2 V VOC Common-mode output voltage RL = 54 Ω or 100 Ω, See Figure 1 3 –1 V ∆|VOC| Change in magnitude of common-mode output voltage¶ RL = 54 Ω or 100 Ω, See Figure 1 ±0.2 V IO Output current Outputs disabled VO = 12 V 1 mA IO Output current (see Note 4) VO = –7 V –0.8 mA IIH High-level input current VI = 2.4 V 20 µA IIL Low-level input current VI = 0.4 V –400 µA # VO = –4 V SN65ALS176 –250 # VO = –6 V SN75ALS176 –250 IOS Short-circuit output current# VO = 0 –150 mA VO = VCC 250 VO = 8 V 250 ICC Supply current No load Outputs enabled 23 30 mA ICC Supply current No load Outputs disabled 19 26 mA † The power-off measurement in TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs. ‡ All typical values are at VCC = 5 V and TA = 25°C. § The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater. ¶ ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from one logic state to the other. # Duration of the short circuit should not exceed one second for this test. NOTE 4: This applies for power on and power off. Refer to TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a combined driver and receiver terminal. |
Similar Part No. - SN65ALS176DR |
|
Similar Description - SN65ALS176DR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |