Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF507S-21-04 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # HF507S-21-04
Description  Non-ZIF Adapter Plug for Discrete Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

HF507S-21-04 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  HF507S-21-04 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. HF507S-21-04 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. HF507S-21-04 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
C-5
High Speed
Connectors
Outline Dimensions
HF507P
- ** - 01 *
Part Number (Details)
Specifications
Insulation Resistance:
500M
Ω min. at 125V DC
Contact Resistance:
50m
Withstanding Voltage:
125V AC for 1 minute
Voltage Rating:
50V ACrms
Current Rating:
0.3A
Operating Temp. Range: -20°C to +85°C
Inserertion / Extraction: 10 times
Materials and Finish
Housing:
LCP (GF), black
Lock Hold:
SUS t = 0.2mm
Contacts:
Phosphor Bronze, (t = 0.15mm) Ni-Au plating
Terminal:
Phosphor Bronze, (t = 0.15mm) Ni-Au plating
Features
Standard crimp tool can be used
Applicable wire AWG30/36 Standard
Easy operation by side-locking mechanism prevents
cable angularinsertion and guarantees secure locking
Series No.
No. of Contacts
(41 and 51)
5 = Without Shielding
6 = With Shielding
Series HF507P
Non-ZIF Adapter Plug for Discrete Wire HF507S Series
HF507P-**-11 without shielding
HF507P-**-12 with shielding
HF507P-41-0*
41
20.00
30.15
32.85
HF507P-51-0*
51
25.00
35.15
37.85
Part Number
Pin Count
A
B
C
Contact Details
HF507P-CT3791-CT
Lower Contact
HF507P-CT3790-CT
Upper Contact
HF507P
- CT379* -CT
Part Number Contacts (Details)
0 = Upper Contact
1 = Lower Contact
Note: Both contacts have to be
ordered seperatly


Similar Part No. - HF507S-21-04

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF507S-21-0X YAMAICHI-HF507S-21-0X Datasheet
419Kb / 4P
   Non-ZIF 90째 Socket Direct Mating Type
More results

Similar Description - HF507S-21-04

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
1129-4006 SVMICROWAVE-1129-4006 Datasheet
89Kb / 1P
   SMA PLUG TO JACK (NON-MAGNETIC) ADAPTER
10/22
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
Molex Electronics Ltd.
63900-6500 MOLEX11-63900-6500 Datasheet
42Kb / 1P
   FineAdjust Applicator for Discrete Wire, 24-24 AWG Wire
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com