Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFP-60A-0134BF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # NFP-60A-0134BF
Description  90째 180째 Solder Dip Box Header (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NFP-60A-0134BF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  NFP-60A-0134BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NFP-60A-0134BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NF Series
180° Solder Dip Box Header (1.27mm Pitch)
NFP
-
50A - 0134
BF
Part Number (Details)
Series (plug)
No. of Leads
4 = Straight Solder Dip
Type of Plating:
Base
Mating Face
Solder Terminals
BF
Ni 2.5~4.5µm
Au 0.3µm min.
Au 0.05µm min.
Recommended PCB Layout
Top View
For leads 40 and 80
For all other leads
View ‘A’
View ‘A’
Part Number
Part Number
No. of
Leads
AB
C
No. of
Leads
AB
NFP-40A-0134BF
40
33.09
24.13
30.63
NFP-50A-0134BF
50
39.44
30.48
36.98
NFP-80A-0134BF
80
58.49
49.53
56.03
C
NFP-16A-0134BF
16
17.85
8.89
15.39
NFP-20A-0134BF
20
20.39
11.43
17.93
NFP-26A-0134BF
26
24.20
15.24
21.74
NFP-34A-0134BF
34
29.28
20.32
26.82
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
500V AC rms for 1 minute
Contact Resistance:
15m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +85°C
Soldering Temperature: 260°C / 5 sec.
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated
Contacts: Phosphor Bronze
Plating:
Au over Ni
Features
Contact pitch 1.27mm connectors for high-density mounting
Outline Dimensions
For the following versions below please contact Yamaichi, minimum order quantity may be required
Standard types
NFP-60A-0134BF
60
45.79
36.83
43.33
NFP-68A-0134BF
68
50.87
41.91
47.91


Similar Part No. - NFP-60A-0134BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFP-60A-0112BF YAMAICHI-NFP-60A-0112BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NFP-60A-0122BF YAMAICHI-NFP-60A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
More results

Similar Description - NFP-60A-0134BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
NFP-10A-0122BF YAMAICHI-NFP-10A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
ZP7-6-A-G YAMAICHI-ZP7-6-A-G Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
NFS-40A-1314BF YAMAICHI-NFS-40A-1314BF Datasheet
45Kb / 1P
   B-t-B Socket, 1.27mm Pitch (for NFP Solder Dip Box Header)
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
ZP7-6-SS-G YAMAICHI-ZP7-6-SS-G Datasheet
40Kb / 1P
   180째 SMT - Dual Row Box Header
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com