Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

282822-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 282822-8
Description  TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, STACKING 5mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

282822-8 Datasheet(HTML) 1 Page - Tyco Electronics

  282822-8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 282822-8

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2828220000 WEIDMULLER-2828220000 Datasheet
181Kb / 2P
   CA-T2WB-7.5M-22/3P-R-BBG
More results

Similar Description - 282822-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546213 MACOM-C-1546213 Datasheet
55Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 ?, OPEN ENDS, STACKING 5.08mm PITCH
C-282825 MACOM-C-282825 Datasheet
62Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS. STACKING 5.08mm PITCH
C-1546179 MACOM-C-1546179 Datasheet
49Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ?, OPEN ENDS, STACKING 5mm PITCH
C-1776138 MACOM-C-1776138 Datasheet
108Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776139 MACOM-C-1776139 Datasheet
89Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING 5.08mm PITCH
C-1546212 MACOM-C-1546212 Datasheet
50Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-1776143 MACOM-C-1776143 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK, 5.08mm PITCH
C-1776142 MACOM-C-1776142 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, OPEN ENDS, STACKING W/INTERLOCK 5.00mm PITCH
C-282967 MACOM-C-282967 Datasheet
42Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS, 7.62mm PITCH
C-282827 MACOM-C-282827 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? OPEN ENDS 10mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com