Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK4003-6R Datasheet(PDF) 3 Page - Power-One

Part # LK4003-6R
Description  150 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LK4003-6R Datasheet(HTML) 3 Page - Power-One

  LK4003-6R Datasheet HTML 1Page - Power-One LK4003-6R Datasheet HTML 2Page - Power-One LK4003-6R Datasheet HTML 3Page - Power-One LK4003-6R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.power-one.com
Edition 4/04.2001
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–25...71
°C
Operating case temperature
TC Ui nom, Io nom
–25...95
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Shock
IEC/EN 60068-2-27, 6 ms
100 gn
Bump
IEC/EN 60068-2-29, 6 ms
40 gn
Random vibration
IEC/EN 60068-2-64, 20...500 Hz
4.9 gn rms
MTBF
MIL-HDBK-217F, GB, 40
°C
514'000 h
Options
Extended temperature range
–40...71
°C, ambient, operating
-9
Electronic inrush current limitation
E
Output voltage adjustment
40...100 %
Uo nom, excludes feature R and vice versa
P
Input and/or output undervoltage monitoring, excludes option V
D0…D9
Input and/or output undervoltage monitoring (VME), excludes option D
V0, V2, V3
Current sharing
T
Cooling plate
B1
K Series with PFC
150 Watt AC-DC Converters
32 28 24 20 16 12
8
4
Connector type H15
S10010
30 26 22 18 14 10
6
Pin allocation
Pin
LK 4003
LK 4301, LK 4501, LK 4601
LK 5000
4
Vo1+
Output 1
Vo1+
Output 1
Vo2+
Output 2
6
Vo1+
Vo2+
8
Vo1–
Output 1
Vo1–
Output 1
Vo2–
Output 2
10
Vo1–
Vo2–
12
S+
Sense
S+
Sense
Vo1+
Output 1
14
S–
Sense
S–
Sense
Vo1–
Output 1
16
R
Control of
Uo1
R
Control of
Uo1
R
Control of
Uo1
18
i
Inhibit
i
Inhibit
i
Inhibit
20
D
Save data
D
Save data
D
Save data
V
ACFAIL
22
T
Current sharing
T
Current sharing
T
Current sharing
24
Protective earth
Protective earth
Protective earth
26
N
Input
N
Input
N
Input or Neutral
28
N
N
30
P
Input
P
Input
P
Input or Phase
32
P
P
4/6
30/32
Type H15 S2
10001


Similar Part No. - LK4003-6R

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
LK48213SN FPE-LK48213SN Datasheet
220Kb / 1P
   5G Base-T transformer Module
REV: A
logo
Schneider Electric
LK4AD10N SCHNEIDER-LK4AD10N Datasheet
105Kb / 2P
   TeSys GS - auxiliary contact 100??00A - 1 NO - 1 NC
LK4AD10N SCHNEIDER-LK4AD10N Datasheet
117Kb / 2P
   Auxiliary contact switch, TeSys GS, 1x NO and NC, 100A??00A rated, early break contact
Jun 30, 2022
LK4AD10N SCHNEIDER-LK4AD10N_V01 Datasheet
117Kb / 2P
   Auxiliary contact switch, TeSys GS, 1x NO and NC, 100A??00A rated, early break contact
Jun 30, 2022
LK4AD20N SCHNEIDER-LK4AD20N Datasheet
105Kb / 2P
   TeSys GS - auxiliary contact 100??00A - 2 NO - 2 NC
More results

Similar Description - LK4003-6R

ManufacturerPart #DatasheetDescription
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
logo
ETA-USA
EPE-28SC28-A ETA-USA-EPE-28SC28-A Datasheet
123Kb / 3P
   150 WATT DC-DC Converters
logo
Power-One
AK1001-7R POWER-ONE-AK1001-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
logo
List of Unclassifed Man...
CHB150-110S ETC2-CHB150-110S Datasheet
165Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CHB150-110S CINCON-CHB150-110S Datasheet
204Kb / 2P
   150 WATT DC-DC CONVERTERS
logo
ETA-USA
BSE-SA ETA-USA-BSE-SA Datasheet
157Kb / 2P
   150 WATT AC-DC CONVERTER
WRE-SX ETA-USA-WRE-SX Datasheet
423Kb / 4P
   150 WATT AC-DC CONVERTER
VTE-SA ETA-USA-VTE-SA Datasheet
238Kb / 3P
   150 WATT AC-DC CONVERTER
BSE-SB ETA-USA-BSE-SB Datasheet
201Kb / 2P
   150 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com