Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAP-5001-1204-2-0AF Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # FAP-5001-1204-2-0AF
Description  MIL Std. Latch Box Header Plug, (2.54mm Pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAP-5001-1204-2-0AF Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  FAP-5001-1204-2-0AF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAP-5001-1204-2-0AF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAP-5001-1204-2-0AF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FAP-5001-1204-2-0AF Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
1,000V AC rms for 1 minute
Contact Resistance:
30m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +105°C
Soldering Temperature: 260°C / 10 sec.
Materials and Finish
Housing: PBT, glass filled UL94V-0 rated
Contacts: Copper Alloy
Plating:
Contacts - Gold over Nickel
Solder Terminals - Flash Au over Ni
Features
2.54mm contact pitch connectors for MIL standard
Variations include latch header plugs, box header plugs,
and flat cable sockets
FAP
- 34 - 08 - * - 1 - 0 * F
Part Number (Details)
Recommended PCB Layout
Top View from Plug
Right Angle Solder Dip Type
Series (plug)
No. of Leads
Terminal Type:
2 = Right Angle Solder Dip
4 = Straight Solder Dip
Housing Colour: 1 = Black, 2 = Blue
Contact Plating:
A = Gold (0.76µm over Nickel 2.5~4.5µm)
B = Gold (0.3µm over Nickel 2.5 ~4.5µm)
F = Flash Au over Ni
Straight Solder Dip Type
Recommended PCB Layout
Top View from Plug
Contact Details
Contact Details
Outline Dimensions
Outline Dimensions
MIL Std. Box Header Plug, (2.54mm Pitch)
FA Series


Similar Part No. - FAP-5001-1204-2-0AF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAP-51-K MSYSTEM-FAP-51-K Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-51-K/Q MSYSTEM-FAP-51-K/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-51-L MSYSTEM-FAP-51-L Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-51-L/Q MSYSTEM-FAP-51-L/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-51-P MSYSTEM-FAP-51-P Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAP-5001-1204-2-0AF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHR-XX-HUAS ADAM-TECH-MHR-XX-HUAS Datasheet
106Kb / 1P
   LATCH BOX HEADER
MHR-XX-VTAS ADAM-TECH-MHR-XX-VTAS Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-15 ADAM-TECH-MHR-XX-VUAL-15 Datasheet
83Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL ADAM-TECH-MHR-XX-VUAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-A-XX-VUAL ADAM-TECH-MHR-A-XX-VUAL Datasheet
86Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUA ADAM-TECH-MHR-XX-HUA Datasheet
85Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUAS-15 ADAM-TECH-MHR-XX-HUAS-15 Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-SMT-MP ADAM-TECH-MHR-XX-VUAL-SMT-MP Datasheet
97Kb / 1P
   LATCH BOX HEADER
MHR-XX-HSGAL ADAM-TECH-MHR-XX-HSGAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-XX-VSGAS ADAM-TECH-MHR-XX-VSGAS Datasheet
81Kb / 1P
   LATCH BOX HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com