Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGR4001-2 Datasheet(PDF) 4 Page - Power-One

Part # LGR4001-2
Description  10...30 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LGR4001-2 Datasheet(HTML) 4 Page - Power-One

  LGR4001-2 Datasheet HTML 1Page - Power-One LGR4001-2 Datasheet HTML 2Page - Power-One LGR4001-2 Datasheet HTML 3Page - Power-One LGR4001-2 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Edition 5/07.2001
Pin allocation LHR
Pin
Electrical determination
LHR 4/5000
Dual
Single
Dual
assym.
1
Input voltage
L
L
L
2
Input voltage
N
N
N
3
Output positive
Vo+
Vo+
Vo1+
4
Control input Trim
…/Trim
…/Trim1
…/Trim1
5
Output negative
-
Vo -
-
Output return potential
Vo-
-
Go
6
Output return potential or positive
n.c.
Go
Vo2+
1 Pin not fitted with option K.
Board Mountable
LHR, LGR 4/5000 Series
Pin allocation LGR
Pin
Electrical determination
LGR 4/5000
Dual
Single
Dual
assym.
1
Input voltage
L
L
L
2
Input voltage
N
N
N
3
Output positive
Vo+
Vo+
Vo1+
4
Control input Trim
-
…/R1
…/R1
5
Output return potential
Vo -
Go
Go
6
not used
-
-
-
7
R input
…/R1
--
Output negative or positive
-
Vo-
Vo2+
1 Pin not fitted with option K.


Similar Part No. - LGR4001-2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGR2D102MELB45 NICHICON-LGR2D102MELB45 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D102MELC35 NICHICON-LGR2D102MELC35 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELB50 NICHICON-LGR2D122MELB50 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELC40 NICHICON-LGR2D122MELC40 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D152MELC50 NICHICON-LGR2D152MELC50 Datasheet
58Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGR4001-2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
   30 watt dc-dc converters
logo
Power-One
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E AIMTEC-AM10E Datasheet
264Kb / 3P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Power-One
IML10 POWER-ONE-IML10 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
logo
Wall Industries,Inc.
JFC30 WALL-JFC30 Datasheet
515Kb / 6P
   30 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com