Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284008-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 284008-7
Description  TERMINAL BLOCK HEADER ASSEMBLY 90 ? WITH EJECTORS 5.08mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

284008-7 Datasheet(HTML) 1 Page - Tyco Electronics

  284008-7 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 284008-7

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
28400.0-00 STEGO-28400.0-00 Datasheet
226Kb / 1P
   PRESSURE COMPENSATION DEVICE
24.02.2022
28400.0-01 STEGO-28400.0-01 Datasheet
226Kb / 1P
   PRESSURE COMPENSATION DEVICE
24.02.2022
28400.0-04 STEGO-28400.0-04 Datasheet
226Kb / 1P
   PRESSURE COMPENSATION DEVICE
24.02.2022
More results

Similar Description - 284008-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-282814 MACOM-C-282814 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 STACKING WITH INTERLOCK 5.08mm PITCH
C-796866 MACOM-C-796866 Datasheet
151Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.08mm PITCH
C-284539 MACOM-C-284539 Datasheet
47Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
C-284541 MACOM-C-284541 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? 3.81mm PITCH WITH THREADED FLANGE
C-796864 MACOM-C-796864 Datasheet
114Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.00mm PITCH
C-1546518 MACOM-C-1546518 Datasheet
57Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS, STACKING 5.08mm PITCH
C-282966 MACOM-C-282966 Datasheet
44Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 7.62mm PITCH
C-282817 MACOM-C-282817 Datasheet
40Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? OPEN ENDS 10mm PITCH
C-796645 MACOM-C-796645 Datasheet
114Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.00mm PITCH
C-282818 MACOM-C-282818 Datasheet
42Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 ? CLOSED ENDS 10.16mm PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com