Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN074-340-0003 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # CN074-340-0003
Description  AdvancedMCTM Connector for ATCA (Type AB mid size)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CN074-340-0003 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  CN074-340-0003 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AdvancedMC
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
B-8
Outline Connector Dimensions CN074-340-0003 (Type A+B+ mid size)
CN074
- 340 - 0003
Part Number (Details)
*Series
No. of Contacts
Design Number
Specifications
Insulation Resistance:
100M
Ω min. at 80V DC
Withstanding Voltage:
80Vrms
Differential Impedance:
100
Ω ±10Ω
Line Resistance:
Differential pair conductors
= 375m
General purpose conductors = 90m
Power conductors
= 90m
Ground conductors
= 60m
Attenuation:
<1dB at 8GHz and <2dB at 12GHz
Return Loss:
<20dB at 5GHz and <13dB at 8GHz
Cross Talk Ratio:
NE and FE <2%
Operating Temp. Range: –55
°C to +105°C
Mating Cycles:
200 times
Materials
Case:
PA9T (UL94V-0), black
Housing:
LCP (UL94V-0), black
Contact:
Copper Alloy, Gold plating over Nickel
YFLEX:
LCP/Copper, Gold plating over Nickel
Screw:
Stainless
Stiffener:
Stainless, PA9T (UL94V-0), black
*INFO: including screws and stiffener
PCB Layout CN074-340-0003 (Type A+B+ mid size)
74.80
71.50
0.75
8 -
∅ 1.44 positioning pins
Top View from Connector
Features
Suitable for 1U blade size
Series CN074
AdvancedMCTM Connector for ATCA (Type A+B+ mid size)
7.50
4 x 65.00
65.00
75.00
70.30
84 x 0.75 = 63.00
A1
B1
A85
B85
A70
B170
A86
B86


Similar Part No. - CN074-340-0003

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
More results

Similar Description - CN074-340-0003

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN091S-0411 YAMAICHI-CN091S-0411 Datasheet
141Kb / 1P
   RJ45 Connector for AdvancedMCTM
CN080-170-0001 YAMAICHI-CN080-170-0001 Datasheet
143Kb / 1P
   AdvancedMCTM Connector for 關TCA
logo
FCI connector
10057202-R00LF FCI-CONNECTOR-10057202-R00LF Datasheet
213Kb / 3P
   MiniUSB B TYPE RECEPTACLE MID-MOUNT TYPE
logo
Kycon, Inc.
KMMLX KYCON-KMMLX Datasheet
424Kb / 1P
   B Type Mid-Mount Micro USB
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
   MICRO-USB B-TYPE MID-MOUNT
logo
ALPS ELECTRIC CO.,LTD.
SSSS9 ALPS-SSSS9_15 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
logo
Global Connector Techno...
USB3500 GCT-USB3500 Datasheet
259Kb / 4P
   Micro USB Type B Receptacle,Mid-Mount,IP67
16th January 2019
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
   USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
logo
Integrated Device Techn...
831752 IDT-831752_16 Datasheet
484Kb / 18P
   Clock Switch for ATCA/AMC and PCIe Applications
logo
Amphenol Corporation
GSB321131HR AMPHENOL-GSB321131HR Datasheet
143Kb / 1P
   USB 3.0 B TYPE CONNECTOR , R/A DIP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com