Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66YZPR
Description  DUAL BILATERAL ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G66YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G66YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1A
2
7
1B
1C
3
6
2C
2B
4
5
GND
2A
3
6
2B
2C
8
1
V
CC
1A
5
GND
4
2A
2
7
1C
1B
GND
5
4
2A
3 6
2B
2C
2 7
1C
1B
8
V
CC
1
1A
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G66
DUAL BILATERAL ANALOG SWITCH
SCES325J – JULY 2001 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• High Speed, Typically 0.5 ns
NanoFree™ Package
(VCC = 3 V, CL = 50 pF)
• 1.65-V to 5.5-V V
CC Operation
• Rail-to-Rail Input/Output
• Inputs Accept Voltages to 5.5 V
• Low On-State Resistance, Typically ≈6 Ω
(VCC = 4.5 V)
• Max t
pd of 0.8 ns at 3.3 V
• Latch-Up Performance Exceeds 100 mA Per
• High On-Off Output Voltage Ratio
JESD 78, Class II
• High Degree of Linearity
This dual bilateral analog switch is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC2G66 can handle both analog and digital signals. The device permits signals with amplitudes of
up to 5.5 V (peak) to be transmitted in either direction.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Each switch section has its own enable-input control (C). A high-level voltage applied to C turns on the
associated switch section.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G66YZPR
_ _ _C6_
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74LVC2G66DCTR
C66_ _ _
–40°C to 85°C
Reel of 3000
SN74LVC2G66DCUR
VSSOP – DCU
C66_
Reel of 250
SN74LVC2G66DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G66YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G66YZPR TI-SN74LVC2G66YZPR Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66YZPR TI1-SN74LVC2G66YZPR Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results

Similar Description - SN74LVC2G66YZPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com