Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF050P2S-013-30DS0 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # CF050P2S-013-30DS0
Description  Compact Flash Card Slim Type I and II
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CF050P2S-013-30DS0 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  CF050P2S-013-30DS0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CF050P2S-013-30DS0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
Trading Division
Connectors
Specifications
Insulation Resistance:
1000M
Ω at 500V DC
Withstanding Voltage:
500Vrms
Current Rating:
1A AC/DC max.
Contact Resistance:
40m
Ω max. at 20mV max.
Operating Temp. Range: -55
°C to +85°C
Reflow Solder Temp.:
220°C min. / 60 sec, 260°C peak
Mating Cycles:
10,000 times
Materials and Finish
Insulator:
LCP, glass filled (UL94V-0)
Push Button: Glass reinforced PBT (UL94V-0)
SMT Metal: Brass, pure Sn
Pivot Shell: Stainless Steel
Contacts:
Brass
Plating:
Contacts - Gold (15µ“) over Nickel (40µ“)
Solder Tails - pure Sn
Features
Reverse type without stand-off height is not applicable
to Compact Flash Card Type II
Adapter for Compact Flash Card type I and II
Available with various ejectors
CF
050 P2S - * 1 3 - * 0 DS *
Part Number (Details)
Series
No. of Contacts
Stand-off Height
0 = Without
1 = 2.20mm
PCB Mounting Type
1 = Bottom (reverse)
90° SMT
Ejector: 0 = Without
1 = Right Side (41.3mm)
2 = Left Side (41.3mm)
3 = Right Side (34.7mm)
4 = Left Side (34.7mm)
Fixing Method:
0 = SMT Fixing
Plating Area:
Contacts: Gold 15µ“ over 40µ“ Nickel
Solder Tails: 100µ“ Tin over 40µ“ Nickel
Lock Option: 0 = Without
1 = Nut Mounted
Outline Dimensions (Stand-off Height 2.20mm)
Recommended PCB Layout
Interface Dim. L (Length)
Power
= 5.00mm Pin# 1, 13, 38, 50
General = 4.25mm all other pins
Detect
= 3.50mm Pin# 25, 26
Series CF
Compact Flash Card Slim Type I and II (Reversed Type)


Similar Part No. - CF050P2S-013-30DS0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CF050P2-003-00-DS YAMAICHI-CF050P2-003-00-DS Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
CF050P2-003-00-DS2 YAMAICHI-CF050P2-003-00-DS2 Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
CF050P2-003-10-DS YAMAICHI-CF050P2-003-10-DS Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
CF050P2-003-10-DS2 YAMAICHI-CF050P2-003-10-DS2 Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
CF050P2-013-00-DS YAMAICHI-CF050P2-013-00-DS Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
More results

Similar Description - CF050P2S-013-30DS0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
CF050P2-003-00-DS2 YAMAICHI-CF050P2-003-00-DS2 Datasheet
130Kb / 2P
   Compact Flash Card Reader, Type I and II
logo
Adam Technologies, Inc.
CFR-50-A-SG-C-1 ADAM-TECH-CFR-50-A-SG-C-1 Datasheet
137Kb / 1P
   COMPACT FLASH SOCKETS 50 PIN SLIM TYPE
CFR-50-A-SG-C-1 ADAM-TECH-CFR-50-A-SG-C-1 Datasheet
160Kb / 1P
   COMPACT FLASH SOCKETS 50 PIN SLIM TYPE
logo
List of Unclassifed Man...
JC26C2-FSH16E ETC2-JC26C2-FSH16E Datasheet
304Kb / 8P
   1.27mm (.050) Contact Spacing, Connectors for Compact Flash Type I/II
logo
Japan Aviation Electron...
JC26C2-DRL16E JAE-JC26C2-DRL16E Datasheet
304Kb / 8P
   1.27mm (.050) Contact Spacing, Connectors for Compact Flash Type I/II
logo
Yamaichi Electronics Co...
CF050P-003-00DS YAMAICHI-CF050P-003-00DS Datasheet
100Kb / 1P
   Compact Flash Card Reader, Type I (w. and w/o Ejector)
logo
International Rectifier
AHN12324 IRF-AHN12324 Datasheet
136Kb / 6P
   Slim and compact size
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com