Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40IMX4-15-9 Datasheet(PDF) 2 Page - Power-One

Part # 40IMX4-15-9
Description  4 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX4-15-9 Datasheet(HTML) 2 Page - Power-One

  40IMX4-15-9 Datasheet HTML 1Page - Power-One 40IMX4-15-9 Datasheet HTML 2Page - Power-One 40IMX4-15-9 Datasheet HTML 3Page - Power-One 40IMX4-15-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 4/04.2001
Board Mountable
IMX 4 Series
Input
Input voltage
5 IMX, continuous range, 5 V
4.7...16.8 V DC
20 IMX, continuous range, 20 V
8.4...36 V DC
40 IMX, continuous range, 40 V
18...75 V DC
70 IMX, continuous range, 70 V
40...121 V DC
Output
Output voltage setting accuracy
Ui nom, 50% lo nom
±1% U
o nom
Minimum load
recommended
10%
lo nom
Line regulation
Ui min...Ui max, 50% lo nom
±1% U
o nom
Load regulation
Ui nom, 10...100% lo nom, main output
±3% U
o nom
tracking output
±3% U
o nom
Output voltage switching noise
Ui nom, 10...100% lo nom, peak-peak, total
max. 2%
Uo nom
Efficiency
Ui nom, lo nom
up to typ. 83 %
Control and protection
Input protection
suppressor diode (except 5 IMX 4)
Overload protection
Ui min...Ui max, fully protected, hiccup mode
No-load protection
yes
Safety and EMC
Electric strength test voltage
I/O (5/20/40/70 IMX 4)
1/1.5/1.5/2 kV DC
Electromagnetic interference
conducted (5/20/40/70 IMX 4)
class –/B/B/A
Environmental
Operating ambient temperature
Ui nom, lo nom
–40...71
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
93 %
MTBF
Gf 40
°C (MIL-HDBK-217F-N2)
>349'000 h
Options
Extended temperature range
–40...85
°C, ambient, operating
-8
Alternative pinout
K
SMD version
with pins
M
Open frame version
Z
Accessories
DIN and chassis mounting kit


Similar Part No. - 40IMX4-15-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
40IMX4-15-8 BEL-40IMX4-15-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
40IMX4-15-8 BEL-40IMX4-15-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
More results

Similar Description - 40IMX4-15-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
AIMTEC
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com