Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IWS2448 Datasheet(PDF) 1 Page - Power-One

Part # IWS2448
Description  IWS SERIES - 10 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IWS2448 Datasheet(HTML) 1 Page - Power-One

  IWS2448 Datasheet HTML 1Page - Power-One IWS2448 Datasheet HTML 2Page - Power-One IWS2448 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
-1205
-1212
-1215
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
IWS515
IWS548
TECHNICAL SPECIFICATIONS
Voltage Range
5 VDC Nominal
4.5 - 9 VDC
12 VDC Nominal
9 - 18 VDC
24 VDC Nominal
18 - 36 VDC
48 VDC Nominal
36 - 72 VDC
Reflected Ripple
20% Iin Max.
Reverse Input Current
100% Iin Max.
IWS DC/DC converters offer excellent regulation and
isolation in an industry-standard package. Available in
several input versions, the IWS is perfect for industrial,
datacom, or telecom applications. The IWS features short
circuit protection and 500 VDC isolation. Please see the
IWD series for dual-output applications.
• Industry-Standard Package
• Industry-Standard Pinout
• 85°C Case Operation
• Short-Circuit Protection
• 5, 12, 24, and 48V
Input Versions
• Input Pi Filter and
6-Sided Shielding
• Regulated Outputs
• 500V Isolation
Setpoint accuracy
±1%
Line regulation Vin Min. - Vin Max., Iout Rated
±0.5% Vout
Load regulation Iout Min. - Iout Max., Vin Nom.
±1.0% Vout
Minimum output current
10 % Iout Rated
Dynamic regulation, loadstep
25% Iout
Pk deviation
1% Vout
Settling time
500 ms
Temperature coefficient
0.02%/°C
Ripple and noise, 20 MHz BW
1% Vout Nom.
Short-circuit protection 1
Continuous
Current Limit
130%
Output
General
DESCRIPTION
FEATURES
Efficiency vs. Load (12V Input)
Efficiency vs. Load (5V Input)
1 Continuous short-circuit protection is provided. Long-term continuous
operation in this mode is not recommended. Converter will auto-restart
once fault has been removed.
Specifications typically at 25°C, normal line, and full load, unless
otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please
consult factory for specific model information.
Notes
Input
IWS SERIES - 10 WATT
Switching Frequency
300 kHz
Isolation
Input - Output
500 VDC
Input - Case
500 VDC
Output - Case
500 VDC
Isolation Resistance - Input to Output
109 Ohms
Standard Case Operating Range
-25 to +85°C
Storage Range
-40 to +125°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
Safety
UL, cUL, TUV
Weight (approx.)
1.4 oz
REV. 09/01


Similar Part No. - IWS2448

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IWS-41A ADVANTECH-IWS-41A Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
IWS-41A-AP01 ADVANTECH-IWS-41A-AP01 Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
logo
Cynergy3 Co
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
More results

Similar Description - IWS2448

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL10 TRACOPOWER-TEL10 Datasheet
1Mb / 4P
   TEL 10 Series, 10 Watt
Rev. March 6, 2023
logo
Volgen Kaga Electronics...
KTPS10-03320WA VOLGEN-KTPS10-03320WA Datasheet
4Mb / 1P
   Volgen 10 Watt Series
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
TRACO Electronic AG
TEL10WI TRACOPOWER-TEL10WI Datasheet
938Kb / 4P
   TEL 10WI Series, 10 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
   TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
logo
SL Power Electronics
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
   Universal 10 ??15 Watt Series
logo
TRACO Electronic AG
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
   DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
TEN10 TRACOPOWER-TEN10 Datasheet
287Kb / 4P
   DC/DC Converters TEN 10 Series, 10 Watt
Rev. October 26, 2022
TRI10 TRACOPOWER-TRI10 Datasheet
891Kb / 4P
   DC/DC Converter TRI 10 Series, 10 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com