Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH3040-2 Datasheet(PDF) 4 Page - Power-One

Part # LH3040-2
Description  50 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LH3040-2 Datasheet(HTML) 4 Page - Power-One

  LH3040-2 Datasheet HTML 1Page - Power-One LH3040-2 Datasheet HTML 2Page - Power-One LH3040-2 Datasheet HTML 3Page - Power-One LH3040-2 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Edition 4/04.2001
Cassette Style
H Series
Pin allocation
Pin
Electrical Determination
LH1000
LH2000
LH3000
2
Inhibit control input
i
i
i
5
Safe Data or ACFAIL
D or V
D or V
D or V
8
Output voltage (positive)
Vo1+
Vo3+
11
Output voltage (negative)
Vo1–
Vo3–
14
Control input +
R
17
Control input –
G
14
Output voltage (positive)
Vo2+
Vo2+
17
Output voltage (negative)
Vo2–
Vo2–
20
Output voltage (positive)
Vo1+
Vo1+
Vo1+
23
Output voltage (negative)
Vo1–
Vo1–
Vo1–
26
Protective earth
29
AC input voltage
N
N
N
32
AC input voltage
P
P
P
Accessories
Front panels 19" (Schroff/Intermas)
Mating H11 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Flexible PCB for connecting the converter via an H11 connector, if mounted on a PCB
Chassis or wall mounting plates for frontal access
Universal mounting brackets for chassis or DIN-rail mounting
2/12.2000


Similar Part No. - LH3040-2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LH3 GOOD-ARK-LH3 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
LIGITEK electronics co....
LH3130-PF LIGITEK-LH3130-PF Datasheet
110Kb / 6P
   ROUND TYPE LED LAMPS
logo
DONG IL TECHNOLOGY LTD.
LH314015 DIT-LH314015 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LH314017 DIT-LH314017 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LH314020 DIT-LH314020 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results

Similar Description - LH3040-2

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R_06 Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com