Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL52055 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL52055
Description  WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055 Datasheet(HTML) 2 Page - Texas Instruments

  TL52055 Datasheet HTML 1Page - Texas Instruments TL52055 Datasheet HTML 2Page - Texas Instruments TL52055 Datasheet HTML 3Page - Texas Instruments TL52055 Datasheet HTML 4Page - Texas Instruments TL52055 Datasheet HTML 5Page - Texas Instruments TL52055 Datasheet HTML 6Page - Texas Instruments TL52055 Datasheet HTML 7Page - Texas Instruments TL52055 Datasheet HTML 8Page - Texas Instruments TL52055 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169A − MAY 2004 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block diagram
16
15
14
13
12
11
10
9
12
3
4
5
6
7
8
1A
GND1
2B
2C
2A
GND3
3B
1C
1Y
GND2
2Y
3Y
3C
3A
VCC
1B
H
H
H
L
L
L
Bias
Bias
Bias
Bias
Bias
Bias
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
−0.3 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
9
V
TA
Operating free-air temperature
−40
85
°C


Similar Part No. - TL52055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055D TI-TL52055D Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DR TI-TL52055DR Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055PWR TI-TL52055PWR Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
More results

Similar Description - TL52055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
233Kb / 10P
[Old version datasheet]   WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
   2-Input 1-Output 3-Circuit Video Switch Monolithic IC
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
   WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com